Electronic Components Datasheet Search
  English  ▼

X  

SA3601 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA3601
Description  Low voltage dual-band RF front-end
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA3601 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA3601 Datasheet HTML 2Page - NXP Semiconductors SA3601 Datasheet HTML 3Page - NXP Semiconductors SA3601 Datasheet HTML 4Page - NXP Semiconductors SA3601 Datasheet HTML 5Page - NXP Semiconductors SA3601 Datasheet HTML 6Page - NXP Semiconductors SA3601 Datasheet HTML 7Page - NXP Semiconductors SA3601 Datasheet HTML 8Page - NXP Semiconductors SA3601 Datasheet HTML 9Page - NXP Semiconductors SA3601 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Preliminary specification
SA3601
Low voltage dual-band RF front-end
1999 Nov 09
6
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
LIMITS
UNITS
SYMBOL
PARAMETER
MIN.
MAX.
UNITS
VCC
Supply voltage
–0.3
+4.5
V
VIN
Voltage applied to any other pin
–0.3
VCC+0.3
V
PD
Power dissipation, Tamb = +25 °C (still air)
TBD
mW
TJ MAX
Maximum junction temperature
150
°C
PMAX
Power input/output
+20
dBm
IMAX
DC current into any I/O pin
–10
+10
mA
TSTG
Storage temperature range
–65
+150
°C
TO
Operating temperature
–40
+85
°C
NOTES:
1. IC is protected for ESD voltages up to 500 V (human body model).
DC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all Input/Output ports are single-ended.
DC PARAMETERS
VCC = +3.0 V, Tamb = +25°C; unless otherwise specified
SYMBOL
PARAMETER
TEST CONDITIONS
TESTER LIMITS
UNIT
SYMBOL
PARAMETER
PD1
PD2
PD3
MIN
TYP
MAX
UNIT
Sleep mode
0
0
0
0.1
1
µA
Tx mode, LO lowband buffer
0
0
1
4.3
5.5
mA
Rx mode cellular, low gain
0
1
0
10.1
12
mA
ICC
Rx mode cellular, high gain
0
1
1
14
16.5
mA
ICC
Rx mode PCS, low gain, x2
1
0
0
17.5
21
mA
Rx mode PCS, high gain, x2
1
0
1
23.5
28
mA
Rx mode PCS, low gain, no x2
1
1
0
10
TBD
mA
Rx mode PCS, high gain, no x2
1
1
1
15.5
TBD
mA
VIH
Input HIGH voltage
0.5xVCC
VCC+0.3
V
VIL
Input LOW voltage
–0.3
0.2xVCC
V
IBIAS
Input bias current
Logic 1 or logic 0
–5
+5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com