Electronic Components Datasheet Search
  English  ▼

X  

SA3601 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA3601
Description  Low voltage dual-band RF front-end
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA3601 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA3601 Datasheet HTML 6Page - NXP Semiconductors SA3601 Datasheet HTML 7Page - NXP Semiconductors SA3601 Datasheet HTML 8Page - NXP Semiconductors SA3601 Datasheet HTML 9Page - NXP Semiconductors SA3601 Datasheet HTML 10Page - NXP Semiconductors SA3601 Datasheet HTML 11Page - NXP Semiconductors SA3601 Datasheet HTML 12Page - NXP Semiconductors SA3601 Datasheet HTML 13Page - NXP Semiconductors SA3601 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors
Preliminary specification
SA3601
Low voltage dual-band RF front-end
1999 Nov 09
10
PIN NO
PIN MNEMONIC
DC V
EQUIVALENT CIRCUIT
1
HB LNA IN
0.8
SR01787
VBIAS
5K
3, 7, 23
VCC
VCC
VBIAS
4
HB MXR+ IN
1.2
5
HB MXR– IN
1.2
SR01788
6
PD1
9
PD2
Apply externally
15
PD3
SR01789
12
LB VCO OUT
VCC – 0.2 V
SR01791
VCC
14
HB VCO IN
1.9
SR01792
VBIAS
VBIAS
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com