Electronic Components Datasheet Search
  English  ▼

X  

SA3601 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA3601
Description  Low voltage dual-band RF front-end
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA3601 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA3601 Datasheet HTML 5Page - NXP Semiconductors SA3601 Datasheet HTML 6Page - NXP Semiconductors SA3601 Datasheet HTML 7Page - NXP Semiconductors SA3601 Datasheet HTML 8Page - NXP Semiconductors SA3601 Datasheet HTML 9Page - NXP Semiconductors SA3601 Datasheet HTML 10Page - NXP Semiconductors SA3601 Datasheet HTML 11Page - NXP Semiconductors SA3601 Datasheet HTML 12Page - NXP Semiconductors SA3601 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Preliminary specification
SA3601
Low voltage dual-band RF front-end
1999 Nov 09
9
AC ELECTRICAL CHARACTERISTICS
VCC = +3.0 V, Tamb= +25°C, unless otherwise specified
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
–3
σ
TYP
+3
σ
MAX.
UNITS
High-band LO Buffer Section
PLO
LO Input frequency range
2000
2190
MHz
PIN
LO Input power
50
Ω matched HB_VCO_IN
–7
–5
–3
dBm
POUT
LO Output power
50
Ω matched HB_VCO_OUT
–8
dBm
ZIN
Input return loss
50
Ω system
10
dB
ZOUT
Output return loss
50
Ω system
10
dB
Harmonic content
PLO = –5 dBm
–20
dBc
TSW
ENABLE/DISABLE speed1
20
µs
x2 LO Doubler Section
fLO
LO Input frequency
1000
1095
MHz
PIN
LO Input power
50
Ω matched LB_VCO_IN
–7
–5
–3
dBm
ZIN
Input return loss
50
Ω system
10
dB
ZOUT
Output return loss
50
Ω system
10
dB
TSW
ENABLE/DISABLE speed1
20
µs
NOTES:
1. Dependent on external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com