Electronic Components Datasheet Search
  English  ▼

X  

SA3601 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA3601
Description  Low voltage dual-band RF front-end
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA3601 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA3601 Datasheet HTML 3Page - NXP Semiconductors SA3601 Datasheet HTML 4Page - NXP Semiconductors SA3601 Datasheet HTML 5Page - NXP Semiconductors SA3601 Datasheet HTML 6Page - NXP Semiconductors SA3601 Datasheet HTML 7Page - NXP Semiconductors SA3601 Datasheet HTML 8Page - NXP Semiconductors SA3601 Datasheet HTML 9Page - NXP Semiconductors SA3601 Datasheet HTML 10Page - NXP Semiconductors SA3601 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Preliminary specification
SA3601
Low voltage dual-band RF front-end
1999 Nov 09
7
AC ELECTRICAL CHARACTERISTICS
VCC = +3.0 V, fRF = 881 MHz, fLO = 963 MHz, Tamb = +25°C, unless otherwise specified
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
–3
σ
TYP
+3
σ
MAX.
UNIT
Cascaded Gain Section
GSYS
LB LNA + Mixer, High Gain
Filter loss = 3 dB
20.5
23.5
26.5
dB
GBYP
LB LNA + Mixer, Low Gain
Filter loss = 3 dB
–11.5
–8.5
–5.5
dB
Low-band LNA Section
fRF
RF input frequency range
869
894
MHz
GENA
Small signal gain ENABLED
17
dB
NFENA
Noise figure ENABLED
1.7
dB
IIP3ENA
Input 3rd order Intercept Point
–7
dBm
P1dBENA
Input 1 dB Compression Point
–20
dBm
GBYP
Small signal gain BYPASSED
–15
dB
NFBYP
Noise figure BYPASSED
15
dB
IIP3BYP
Input 3rd order Intercept Point
15
dBm
ZIN
Input return loss
50
Ω system
10
dB
ZOUT
Output return loss
50
Ω system
10
dB
TSW
ENABLE/DISABLE speed1
20
µs
Low-band Mixer Section
fRF
RF input frequency range
869
894
MHz
fIF
IF output frequency range
70
200
MHz
fLO
LO input range
939
1100
MHz
GMXR
Small signal gain
PLO = –5 dBm
9.5
dB
NFMXR
SSB Noise figure
PLO = –5 dBm
9.5
dB
IIP3MXR
Input 3rd order Intercept Point
PLO = –5 dBm
6
dBm
P1dBMXR
Input 1 dB Compression Point
PLO = –5 dBm
–14
dBm
PLO
LO input power range
–7
–5
–3
dBm
ZIN
Input return loss
50
Ω system
10
dB
ZOUT
Output return loss
50
Ω system
10
dB
Two-tone spurious rejection:
PLO = –5 dBm
2-Tone
2(fRF–fTx), fRF–fTx=fIF/2
fRF=890.0 MHz @–36 dBm
fTx=848.9 MHz @–20 dBm
–110
dBm
3(fRF–fTx), fRF–fTx=fIF/3
fRF=876.3 MHz @–36 dBm
fTx=848.9 MHz @–20 dBm
–110
RF–LO
RF to LO isolation
25
dB
LO–RF
LO to RF isolation
40
dB
TSW
ENABLE/DISABLE speed1
20
µs
Low-band LO Buffer Section
PLO
LO Input frequency range
939
1100
MHz
PIN
LO Input power
50
Ω matched LB_VCO_IN
–7
–5
–3
dBm
POUT
LO Output power
50
Ω matched LB_VCO_OUT
–7.5
dBm
ZIN
Input return loss
50
Ω system
10
dB
ZOUT
Output return loss
50
Ω system
10
dB
Harmonic content
PLO = –5 dBm
–20
dBc
TSW
ENABLE/DISABLE speed1
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com