Electronic Components Datasheet Search
  English  ▼

X  

SA5212 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA5212
Description  Transimpedance amplifier 140MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5212 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA5212 Datasheet HTML 4Page - NXP Semiconductors SA5212 Datasheet HTML 5Page - NXP Semiconductors SA5212 Datasheet HTML 6Page - NXP Semiconductors SA5212 Datasheet HTML 7Page - NXP Semiconductors SA5212 Datasheet HTML 8Page - NXP Semiconductors SA5212 Datasheet HTML 9Page - NXP Semiconductors SA5212 Datasheet HTML 10Page - NXP Semiconductors SA5212 Datasheet HTML 11Page - NXP Semiconductors SA5212 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Philips Semiconductors
Product specification
SA5212A
Transimpedance amplifier (140MHz)
1998 Oct 07
8
TYPICAL PERFORMANCE CHARACTERISTICS
NE5212A Typical
Bandwidth Distribution
(75 Parts from 3 Wafer Lots)
50
40
30
20
10
0
112.5
122.5
132.5
142.5
152.5
162.5
FREQUENCY (MHz)
PIN 5
SINGLE-ENDED
RL = 50Ω
VCC = 5.0V
TA = 25°C
N, F PKG
17
–60
–20
0
20 40
60 80 100 120
–40
AMBIENT TEMPERATURE (
°C)
PIN 5
DC TESTED
PIN 7
16
15
14
13
12
11
10
9
140
VCC = 5.0V
NE5212A Output Resistance
vs Temperature
NE5212A Power Supply Rejection Ratio
vs Temperature
40
39
38
37
36
35
34
33
–60 –40 –20
0
20 40
100
60
120
80
AMBIENT TEMPERATURE (
°C)
VCC = 5.0V
∆VCC = ±0.1V
DC TESTED
OUTPUT REFERRED
140
NE5212A Differential Transresistance
vs Temperature
17.0
–60 –40 –20
0
20 40
100
60
120
80
140
AMBIENT TEMPERATURE (
°C)
VCC = 5.0V
DC TESTED
RL = ∞
16.5
16.0
15.5
15.0
14.5
14.0
–60 –40 –20
0
20 40
100
60
120
80
140
AMBIENT TEMPERATURE (
°C)
80
60
40
20
0
–20
–40
–60
VCC = 5.0V
VOS = VOUT5 – VOUT7
NE5212A Output Offset Voltage
vs Temperature
NE5212A Differential Output Swing
vs Temperature
VCC = 5.0V
DC TESTED
RL = ∞
–60 –40 –20
0
20 40
100
60
120
80
140
AMBIENT TEMPERATURE (
°C)
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
–60 –40 –20
0
20 40
100
60
120
80
140
AMBIENT TEMPERATURE (
°C)
VCC = 5.0V
30
29
28
27
26
25
NE5212A Output Bias Voltage
vs Temperature
NE5212A Input Bias Voltage
vs Temperature
NE5212A Supply Current
vs Temperature
VCC = 5.0V
–60 –40 –20
0
20 40
100
60
120
80
140
AMBIENT TEMPERATURE (
°C)
950
900
850
800
750
700
650
600
–60 –40 –20
0
20 40
100
60
120
80
140
AMBIENT TEMPERATURE (
°C)
3.50
3.45
3.40
3.35
3.30
3.25
PIN 5
PIN 7
VCC = 5.0V
SD00341
Figure 7. Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com