Electronic Components Datasheet Search
  English  ▼

X  

SA5212 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SA5212
Description  Transimpedance amplifier 140MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5212 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SA5212 Datasheet HTML 8Page - NXP Semiconductors SA5212 Datasheet HTML 9Page - NXP Semiconductors SA5212 Datasheet HTML 10Page - NXP Semiconductors SA5212 Datasheet HTML 11Page - NXP Semiconductors SA5212 Datasheet HTML 12Page - NXP Semiconductors SA5212 Datasheet HTML 13Page - NXP Semiconductors SA5212 Datasheet HTML 14Page - NXP Semiconductors SA5212 Datasheet HTML 15Page - NXP Semiconductors SA5212 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Philips Semiconductors
Product specification
SA5212A
Transimpedance amplifier (140MHz)
1998 Oct 07
12
INPUT
OUT–
OUT+
PHOTODIODE
VB2
+
+
R1
R3
R12
R13
R5
R4
R7
R14
R15
Q1
Q3
Q2
Q4
Q15
Q16
Q11
Q12
GND2
GND1
VCC2
VCC1
R2
SD00328
Figure 11. Transimpedance Amplifier
VCC
VEQ3
VIN
IIN
INPUT
IF
IB
Q1
Q2
Q3
R2
R3
R4
RF
R1
IC1
SD00329
Figure 12. Shunt-Series Input Stage
DYNAMIC RANGE
The electrical dynamic range can be defined as the ratio of
maximum input current to the peak noise current:
Electrical dynamic range, DE, in a 200MHz bandwidth assuming
IINMAX = 120µA and a wideband noise of IEQ=52nARMS for an
external source capacitance of CS = 1pF.
D
E +
(Max. input current)
(Peak noise current)
D
E(dB) + 20 log
(120
@ 10*6)
(2 52nA)
D
E(dB) + 20 log
(120
mA)
(73nA)
+ 64dB
In order to calculate the optical dynamic range the incident optical
power must be considered.
For a given wavelength
λ;
Energy of one Photon = hc
l
watt sec (Joule)
Where h=Planck’s Constant = 6.6
× 10-34 Joule sec.
c = speed of light = 3
× 108 m/sec
c /
λ = optical frequency
No. of incident photons/sec= where P=optical incident power
No. of incident photons/sec =
P
hc
l
where P = optical incident power
No. of generated electrons/sec = h @
P
hc
l
where
η = quantum efficiency
+
no. of generated electron hole paris
no. of incident photons
NI + h @
P
hc
l @
e Amps (Coulombs sec.)
where e = electron charge = 1.6
× 10-19 Coulombs
Responsivity R =
h@e
hc
l
Amp/watt
I
+ P @ R
Assuming a data rate of 400 Mbaud (Bandwidth, B=200MHz), the
noise parameter Z may be calculated as:1
Z
+
I
EQ
qB
+
52
@ 10*9
(1.6
@ 10*19)(200 @ 106)
+ 1625
Amp
Amp
where Z is the ratio of RMS noise output to the peak response to a
single hole-electron pair. Assuming 100% photodetector quantum
efficiency, half mark/half space digital transmission, 850nm
lightwave and using Gaussian approximation, the minimum required
optical power to achieve 10-9 BER is:
P
avMIN + 12
hc
l
BZ
+ 12 (2.3 @ 10*19)
200
@ 106 1625 + 897nW +* 30.5dBm,
where h is Planck’s Constant, c is the speed of light,
λ is the
wavelength. The minimum input current to the SA5212A, at this
input power is:
I
avMIN + qPavMIN
l
hc
+ 897 @ 10
*9 @ 1.6 @ 10*19
2.3
@ 10*19
= 624nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com