Electronic Components Datasheet Search
  English  ▼

X  

SA5212 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA5212
Description  Transimpedance amplifier 140MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5212 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA5212 Datasheet HTML 5Page - NXP Semiconductors SA5212 Datasheet HTML 6Page - NXP Semiconductors SA5212 Datasheet HTML 7Page - NXP Semiconductors SA5212 Datasheet HTML 8Page - NXP Semiconductors SA5212 Datasheet HTML 9Page - NXP Semiconductors SA5212 Datasheet HTML 10Page - NXP Semiconductors SA5212 Datasheet HTML 11Page - NXP Semiconductors SA5212 Datasheet HTML 12Page - NXP Semiconductors SA5212 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Philips Semiconductors
Product specification
SA5212A
Transimpedance amplifier (140MHz)
1998 Oct 07
9
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Gain vs Frequency
Gain vs Frequency
Output Resistance
vs Frequency
Gain vs Frequency
Gain and Phase Shift
vs Frequency
12
11
10
9
8
7
6
5
4
3
0.1
1
10
100
FREQUENCY (MHz)
11
10
9
8
7
6
5
4
3
0.1
1
10
100
FREQUENCY (MHz)
0.1
1
10
100
FREQUENCY (MHz)
80
70
60
50
40
30
20
10
Gain vs Frequency
Output Resistance
vs Frequency
Gain and Phase Shift
vs Frequency
Gain and Phase Shift
vs Frequency
5.5V
4.5V
5.0V
PIN 5
TA = 25°C
N PKG
PIN 7
TA = 25°C
N PKG
5.5V
5.0V
4.5V
VCC = 5V
TA = 25°C
N PKG
PIN 7
PIN 5
11
0.1
1
10
100
FREQUENCY (MHz)
10
9
8
7
6
5
4
3
PIN 5
VCC = 5V
N PKG
25
°C
–55
°C
125
°C
85
°C
–55
°C
125
°C
11
0.1
1
10
100
10
9
8
7
6
5
4
3
PIN 7
VCC = 5V
N PKG
FREQUENCY (MHz)
–55
°C
125
°C
–55
°C
125
°C
100
0.1
1
10
100
FREQUENCY (MHz)
90
80
70
60
50
40
30
20
10
TA = 25°C
VCC = 5V
D PKG
11
0.1
1
10
100
10
9
8
7
6
5
4
3
FREQUENCY (MHz)
PIN 5
VCC = 5V
N PKG
TA = 25°C
–45
–135
–225
11
0.1
1
10
100
10
9
8
7
6
5
4
3
–180
–270
–360
FREQUENCY (MHz)
PIN 7
VCC = 5V
D PKG
TA = 25°C
φ
φ
φ
11
0.1
1
10
100
10
9
8
7
6
5
4
3
–180
–270
–360
PIN 7
VCC = 5V
N PKG
TA = 25°C
FREQUENCY (MHz)
SD00342
Figure 8. Typical Performance Characteristics (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com