Electronic Components Datasheet Search
  English  ▼

X  

SA5212 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA5212
Description  Transimpedance amplifier 140MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5212 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA5212 Datasheet HTML 1Page - NXP Semiconductors SA5212 Datasheet HTML 2Page - NXP Semiconductors SA5212 Datasheet HTML 3Page - NXP Semiconductors SA5212 Datasheet HTML 4Page - NXP Semiconductors SA5212 Datasheet HTML 5Page - NXP Semiconductors SA5212 Datasheet HTML 6Page - NXP Semiconductors SA5212 Datasheet HTML 7Page - NXP Semiconductors SA5212 Datasheet HTML 8Page - NXP Semiconductors SA5212 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Philips Semiconductors
Product specification
SA5212A
Transimpedance amplifier (140MHz)
1998 Oct 07
3
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage range
4.5 to 5.5
V
TA
Ambient temperature ranges
-40 to +85
°C
TJ
Junction temperature ranges
-40 to +105
°C
DC ELECTRICAL CHARACTERISTICS
Minimum and Maximum limits apply over operating temperature range at VCC=5V, unless otherwise specified. Typical data applies at VCC=5V
and TA=25°C1.
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
VIN
Input bias voltage
0.55
0.8
1.05
V
VO±
Output bias voltage
2.5
3.3
3.8
V
VOS
Output offset voltage
120
mV
ICC
Supply current
20
26
33
mA
IOMAX
Output sink/source current
3
4
mA
IIN
Maximum input current (2% linearity)
Test Circuit 6, Procedure 2
±40
±80
µA
IN MAX
Maximum input current overload threshold
Test Circuit 6, Procedure 4
±60
±120
µA
NOTES:
1. As in all high frequency circuits, a supply bypass capacitor should be located as close to the part as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com