Electronic Components Datasheet Search
  English  ▼

X  

SA5212 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA5212
Description  Transimpedance amplifier 140MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5212 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA5212 Datasheet HTML 1Page - NXP Semiconductors SA5212 Datasheet HTML 2Page - NXP Semiconductors SA5212 Datasheet HTML 3Page - NXP Semiconductors SA5212 Datasheet HTML 4Page - NXP Semiconductors SA5212 Datasheet HTML 5Page - NXP Semiconductors SA5212 Datasheet HTML 6Page - NXP Semiconductors SA5212 Datasheet HTML 7Page - NXP Semiconductors SA5212 Datasheet HTML 8Page - NXP Semiconductors SA5212 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Philips Semiconductors
Product specification
SA5212A
Transimpedance amplifier (140MHz)
1998 Oct 07
4
AC ELECTRICAL CHARACTERISTICS
Minimum and Maximum limits apply over operating temperature range at VCC=5V, unless otherwise specified. Typical data applies at VCC=5V
and TA=25°C5.
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
RT
Transresistance (differential output)
DC tested, RL = ∞
Test Circuit 6, Procedure 1
9.0
14
19
k
Ω
RO
Output resistance (differential output)
DC tested
14
30
46
Ω
RT
Transresistance (single-ended output)
DC tested, RL = ∞
4.5
7
9.5
k
Ω
RO
Output resistance (single-ended output)
DC tested
7
15
23
Ω
Test Circuit 1
D package,
f3dB
Bandwidth (-3dB)
TA = 25°C
100
140
MHz
N, FE packages,
TA = 25°C
100
120
RIN
Input resistance
70
110
150
Ω
CIN
Input capacitance
10
18
pF
∆R/∆V
Transresistance power supply sensitivity
VCC = 5 ±0.5V
9.6
%/V
∆R/∆T
Transresistance ambient
temperature sensitivity
D package
∆TA = TA MAX-TA MIN
0.05
%/
°C
IN
RMS noise current spectral density
(referred to input)
Test Circuit 2
f = 10MHz TA = 25°C
2.5
pA/
√Hz
Integrated RMS noise current over the band-
TA = 25°C Test Circuit 2
∆f = 50MHz
20
g
width (referred to input) CS = 01
∆f = 100MHz
27
IT
∆f = 200MHz
40
nA
T
∆f = 50MHz
22
CS = 1pF
∆f = 100MHz
32
∆f = 200MHz
52
PSRR
Power supply rejection ratio2
Any package
DC tested
∆VCC = 0.1V
Equivalent AC
Test Circuit 3
20
33
dB
PSRR
Power supply rejection ratio2
(ECL configuration)
Any package
f = 0.1MHz1
Test Circuit 4
23
dB
VO MAX
Maximum differential output voltage swing
RL = ∞
Test Circuit 6, Procedure 3
1.7
3.2
VP-P
VIN MAX
Maximum input amplitude for output duty
cycle of 50
±5%3
Test Circuit 5
325
mVP-P
tR
Rise time for 50mV output signal4
Test Circuit 5
2.0
ns
NOTES:
1. Package parasitic capacitance amounts to about 0.2pF.
2. PSRR is output referenced and is circuit board layout dependent at higher frequencies. For best performance use RF filter in VCC line.
3. Guaranteed by linearity and over load tests.
4. tR defined as 20-80% rise time. It is guaranteed by -3dB bandwidth test.
5. As in all high frequency circuits, a supply bypass capacitor should be located as close to the part as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com