Electronic Components Datasheet Search
  English  ▼

X  

ST16C554D Datasheet(PDF) 13 Page - Exar Corporation

Part # ST16C554D
Description  2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554D Datasheet(HTML) 13 Page - Exar Corporation

Back Button ST16C554D Datasheet HTML 9Page - Exar Corporation ST16C554D Datasheet HTML 10Page - Exar Corporation ST16C554D Datasheet HTML 11Page - Exar Corporation ST16C554D Datasheet HTML 12Page - Exar Corporation ST16C554D Datasheet HTML 13Page - Exar Corporation ST16C554D Datasheet HTML 14Page - Exar Corporation ST16C554D Datasheet HTML 15Page - Exar Corporation ST16C554D Datasheet HTML 16Page - Exar Corporation ST16C554D Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
ST16C554/554D
13
REV. 4.0.1
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
2.10.1
Receive Holding Register (RHR) - Read-Only
The Receive Holding Register is an 8-bit register that holds a receive data byte from the Receive Shift
Register. It provides the receive data interface to the host processor. The RHR register is part of the receive
FIFO of 16 bytes by 11-bit wide, the 3 extra bits are for the 3 error tags to be reported in LSR register. When
the FIFO is enabled by FCR bit-0, the RHR contains the first data character received by the FIFO. After the
RHR is read, the next character byte is loaded into the RHR and the errors associated with the current data
byte are immediately updated in the LSR bits 2-4.
FIGURE 8. RECEIVER OPERATION IN NON-FIFO MODE
FIGURE 9. RECEIVER OPERATION IN FIFO
Receive Data Shift
Register (RSR)
Receive
Data Byte
and Errors
RHR Interrupt (ISR bit-2)
Receive Data
Holding Register
(RHR)
RXFIFO1
16X Clock
Receive Data Characters
Data Bit
Validation
Error
Tags in
LSR bits
4:2
Receive Data S hift
R egister (R S R )
RX FIFO 1
16X C lock
R eceive D ata C haracters
D ata B it
V alidation
Receive
D ata FIF O
Receive
Data
Receive Data
B yte and E rrors
R H R Interrupt (IS R bit-2) program m ed for
desired FIFO trigger level.
FIFO is E nabled by F C R bit-0=1
A sking for stopping data w hen data fills above the flow
control trigger level to suspend rem ote transm itter.
A sking for sending data w hen data falls below the flow
control trigger level to restart rem ote transm itter.
16 bytes by 11-bit w ide
FIFO
FIFO
T rigger=8
D ata falls to
4
D ata fills to
14
E xam ple
: - R X F IF O trigger level selected at 8 bytes
(See N ote Below )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com