Electronic Components Datasheet Search
  English  ▼

X  

ST16C554D Datasheet(PDF) 3 Page - Exar Corporation

Part # ST16C554D
Description  2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554D Datasheet(HTML) 3 Page - Exar Corporation

  ST16C554D Datasheet HTML 1Page - Exar Corporation ST16C554D Datasheet HTML 2Page - Exar Corporation ST16C554D Datasheet HTML 3Page - Exar Corporation ST16C554D Datasheet HTML 4Page - Exar Corporation ST16C554D Datasheet HTML 5Page - Exar Corporation ST16C554D Datasheet HTML 6Page - Exar Corporation ST16C554D Datasheet HTML 7Page - Exar Corporation ST16C554D Datasheet HTML 8Page - Exar Corporation ST16C554D Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
ST16C554/554D
3
REV. 4.0.1
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
PIN DESCRIPTIONS
Pin Description
NAME
64-LQFP
PIN #
68-PLCC
PIN#
TYPE
DESCRIPTION
DATA BUS INTERFACE
A2
A1
A0
22
23
24
32
33
34
I
Address data lines [2:0]. These 3 address lines select one of the internal regis-
ters in UART channel A-D during a data bus transaction.
D7
D6
D5
D4
D3
D2
D1
D0
60
59
58
57
56
55
54
53
5
4
3
2
1
68
67
66
I/O
Data bus lines [7:0] (bidirectional).
IOR#
(VCC)
40
52
I
When 16/68# pin is HIGH, the Intel bus interface is selected and this input
becomes read strobe (active low). The falling edge instigates an internal read
cycle and retrieves the data byte from an internal register pointed by the address
lines [A2:A0], puts the data byte on the data bus to allow the host processor to
read it on the rising edge.
When 16/68# pin is LOW, the Motorola bus interface is selected and this input is
not used and should be connected to VCC.
IOW#
(R/W#)
9
18
I
When 16/68# pin is HIGH, it selects Intel bus interface and this input becomes
write strobe (active low). The falling edge instigates the internal write cycle and
the rising edge transfers the data byte on the data bus to an internal register
pointed by the address lines.
When 16/68# pin is LOW, the Motorola bus interface is selected and this input
becomes read (HIGH) and write (LOW) signal.
CSA#
(CS#)
7
16
I
When 16/68# pin is HIGH, this input is chip select A (active low) to enable chan-
nel A in the device.
When 16/68# pin is LOW, this input becomes the chip select (active low) for the
Motorola bus interface.
CSB#
(A3)
11
20
I
When 16/68# pin is HIGH, this input is chip select B (active low) to enable chan-
nel B in the device.
When 16/68# pin is LOW, this input becomes address line A3 which is used for
channel selection in the Motorola bus interface.
CSC#
(A4)
38
50
I
When 16/68# pin is HIGH, this input is chip select C (active low) to enable chan-
nel C in the device.
When 16/68# pin is LOW, this input becomes address line A4 which is used for
channel selection in the Motorola bus interface.
CSD#
(VCC)
42
54
I
When 16/68# pin is HIGH, this input is chip select D (active low) to enable chan-
nel D in the device.
When 16/68# pin is LOW, this input is not used and should be connected VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com