Electronic Components Datasheet Search
  English  ▼

X  

ST16C554D Datasheet(PDF) 27 Page - Exar Corporation

Part # ST16C554D
Description  2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554D Datasheet(HTML) 27 Page - Exar Corporation

Back Button ST16C554D Datasheet HTML 23Page - Exar Corporation ST16C554D Datasheet HTML 24Page - Exar Corporation ST16C554D Datasheet HTML 25Page - Exar Corporation ST16C554D Datasheet HTML 26Page - Exar Corporation ST16C554D Datasheet HTML 27Page - Exar Corporation ST16C554D Datasheet HTML 28Page - Exar Corporation ST16C554D Datasheet HTML 29Page - Exar Corporation ST16C554D Datasheet HTML 30Page - Exar Corporation ST16C554D Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
ST16C554/554D
27
REV. 4.0.1
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
AC ELECTRICAL CHARACTERISTICS
TA = 0
O TO +70OC (-40O TO +85OC FOR INDUSTRIAL GRADE PACKAGE), VCC IS 2.97 TO 5.5V, 70 PF LOAD WHERE
APPLICABLE
SYMBOL
PARAMETER
LIMITS
3.3V ± 10%
MIN
MAX
LIMITS
5V ± 10%
MIN
MAX
UNIT
CLK
External Clock Low/High Time
63
21
ns
OSC
UART Crystal/External Clock Frequency
8
24
MHz
TAS
Address Setup Time (16 Mode)
5
0
ns
TAH
Address Hold Time (16 Mode)
5
5
ns
TCS
Chip Select Width (16 Mode)
80
50
ns
TRD
IOR# Strobe Width (16 Mode)
80
50
ns
TDY
Read Cycle Delay (16 Mode)
40
30
ns
TRDV
Data Access Time (16 Mode)
40
25
ns
TDD
Data Disable Time (16 Mode)
25
15
ns
TWR
IOW# Strobe Width (16 Mode)
35
25
ns
TDY
Write Cycle Delay (16 Mode)
40
30
ns
TDS
Data Setup Time (16 Mode)
20
15
ns
TDH
Data Hold Time (16 Mode)
5
5
ns
TADS
Address Setup (68 Mode)
10
10
ns
TADH
Address Hold (68 Mode)
15
15
ns
TRWS
R/W# Setup to CS# (68 Mode)
10
10
ns
TRDA
Data Access Time (68 mode)
40
25
ns
TRDH
Data Disable Time (68 mode)
25
15
ns
TWDS
Write Data Setup (68 mode)
20
15
ns
TWDH
Write Data Hold (68 Mode)
10
10
ns
TRWH
CS# De-asserted to R/W# De-asserted (68 Mode)
10
10
ns
TCSL
CS# Strobe Width (68 Mode)
80
50
ns
TCSD
CS# Cycle Delay (68 Mode)
40
30
ns
TWDO
Delay From IOW# To Output
50
40
ns
TMOD
Delay To Set Interrupt From MODEM Input
40
35
ns
TRSI
Delay To Reset Interrupt From IOR#
40
35
ns
TSSI
Delay From Stop To Set Interrupt
1
1
Bclk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com