Electronic Components Datasheet Search
  English  ▼

X  

ST16C554D Datasheet(PDF) 32 Page - Exar Corporation

Part # ST16C554D
Description  2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554D Datasheet(HTML) 32 Page - Exar Corporation

Back Button ST16C554D Datasheet HTML 28Page - Exar Corporation ST16C554D Datasheet HTML 29Page - Exar Corporation ST16C554D Datasheet HTML 30Page - Exar Corporation ST16C554D Datasheet HTML 31Page - Exar Corporation ST16C554D Datasheet HTML 32Page - Exar Corporation ST16C554D Datasheet HTML 33Page - Exar Corporation ST16C554D Datasheet HTML 34Page - Exar Corporation ST16C554D Datasheet HTML 35Page - Exar Corporation ST16C554D Datasheet HTML 36Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
ST16C554/554D
32
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
REV. 4.0.1
FIGURE 18. TRANSMIT READY & INTERRUPT TIMING [NON-FIFO MODE] FOR CHANNELS A-D
FIGURE 19. RECEIVE READY & INTERRUPT TIMING [FIFO MODE, DMA DISABLED] FOR CHANNELS A-D
TX
TXRDY#
IOW#
INT*
D0:D7
Start
Bit
D0:D7
Stop
Bit
D0:D7
T
WT
TXNonFIFO
T
WT
T
WT
T
WRI
T
WRI
T
WRI
T
SRT
T
SRT
T
SRT
*INT is cleared when the ISR is read or when data is loaded into the THR.
ISR is read
ISR is read
ISR is read
(Loading data
into THR)
(Unloading)
IER[1]
enabled
RX
RXRDY#
IOR#
INT
D0:D7
S
T
SSR
RXINTDMA#
RX FIFO fills up to RX
Trigger Level or RX Data
Timeout
RX FIFO drops
below RX
Trigger Level
FIFO
Empties
First Byte is
Received in
RX FIFO
D0:D7
S
D0:D7
T
D0:D7
S
D0:D7
S
T
D0:D7
S
T
T
D0:D7
S
T
Start
Bit
Stop
Bit
T
RR
T
RRI
T
SSI
(Reading data out
of RX FIFO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com