Electronic Components Datasheet Search
  English  ▼

X  

ST16C554D Datasheet(PDF) 9 Page - Exar Corporation

Part # ST16C554D
Description  2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554D Datasheet(HTML) 9 Page - Exar Corporation

Back Button ST16C554D Datasheet HTML 5Page - Exar Corporation ST16C554D Datasheet HTML 6Page - Exar Corporation ST16C554D Datasheet HTML 7Page - Exar Corporation ST16C554D Datasheet HTML 8Page - Exar Corporation ST16C554D Datasheet HTML 9Page - Exar Corporation ST16C554D Datasheet HTML 10Page - Exar Corporation ST16C554D Datasheet HTML 11Page - Exar Corporation ST16C554D Datasheet HTML 12Page - Exar Corporation ST16C554D Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
ST16C554/554D
9
REV. 4.0.1
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
2.4
Channels A-D Internal Registers
Each UART channel in the 554 has a set of enhanced registers for controlling, monitoring and data loading and
unloading. The configuration register set is compatible to those already available in the standard single
16C550. These registers function as data holding registers (THR/RHR), interrupt status and control registers
(ISR/IER), a FIFO control register (FCR), receive line status and control registers (LSR/LCR), modem status
and control registers (MSR/MCR), programmable data rate (clock) divisor registers (DLL/DLM), and a user
accessible scratchpad register (SPR). All the register functions are discussed in full detail later in “Section
3.0, UART INTERNAL REGISTERS” on page 15.
2.5
INT Ouputs for Channels A-D
The interrupt outputs change according to the operating mode and enhanced features setup. Table 3 and 4
summarize the operating behavior for the transmitter and receiver. Also see Figure 17 through 22.
2.6
DMA Mode
The device does not support direct memory access. The DMA Mode (a legacy term) in this document does not
mean “direct memory access” but refers to data block transfer operation. The DMA mode affects the state of
the RXRDY# A-D and TXRDY# A-D output pins. The transmit and receive FIFO trigger levels provide
additional flexibility to the user for block mode operation. The LSR bits 5-6 provide an indication when the
transmitter is empty or has an empty location(s) for more data. The user can optionally operate the transmit
and receive FIFO in the DMA mode (FCR bit-3 = 1). When the transmit and receive FIFOs are enabled and the
DMA mode is disabled (FCR bit-3 = 0), the 554 is placed in single-character mode for data transmit or receive
operation. When DMA mode is enabled (FCR bit-3 = 1), the user takes advantage of block mode operation by
TABLE 3: INT PIN OPERATION FOR TRANSMITTER FOR CHANNELS A-D
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1 (FIFO ENABLED)
FCR Bit-3 = 0
(DMA Mode Disabled)
FCR Bit-3 = 1
(DMA Mode Enabled)
INT Pin
LOW = a byte in THR
HIGH = THR empty
LOW = FIFO above trigger level
HIGH = FIFO below trigger level or
FIFO empty
LOW = FIFO above trigger level
HIGH = FIFO below trigger level or
FIFO empty
TABLE 4: INT PIN OPERATION FOR RECEIVER FOR CHANNELS A-D
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1 (FIFO ENABLED)
FCR Bit-3 = 0
(DMA Mode Disabled)
FCR Bit-3 = 1
(DMA Mode Enabled)
INT Pin
LOW = no data
HIGH = 1 byte
LOW = FIFO below trigger level
HIGH = FIFO above trigger level
LOW = FIFO below trigger level
HIGH = FIFO above trigger level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com