Electronic Components Datasheet Search
  English  ▼

X  

SA626 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA626
Description  Low voltage high performance mixer FM IF system with high-speed RSSI
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA626 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA626 Datasheet HTML 1Page - NXP Semiconductors SA626 Datasheet HTML 2Page - NXP Semiconductors SA626 Datasheet HTML 3Page - NXP Semiconductors SA626 Datasheet HTML 4Page - NXP Semiconductors SA626 Datasheet HTML 5Page - NXP Semiconductors SA626 Datasheet HTML 6Page - NXP Semiconductors SA626 Datasheet HTML 7Page - NXP Semiconductors SA626 Datasheet HTML 8Page - NXP Semiconductors SA626 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
Product specification
SA626
Low voltage high performance mixer FM IF system
with high-speed RSSI
1997 Sept 25
5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
–50 –40 –30 –20 –10
0
10
20
30 40
50
60
70 80 90
TEMPERATURE (
°C)
VCC = 3V
VCC = 2.7V
VCC = 5V
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
–50 –40 –30 –20 –10 0
10 20 30 40
50
60
70 80 90
TEMPERATURE (
°C)
100
VCC = 5V
VCC = 3V
VCC = 2.7V
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
–50 –40 –30 –20 –10
0
10
20
30 40
50
60
70 80 90
TEMPERATURE (
°C)
VCC = 3V
VCC = 2.7V
VCC = 5V
–50 –40 –30 –20 –10
0
10
20
30 40
50
60
70 80 90
TEMPERATURE (
°C)
–6
–8
–10
–12
–14
–16
–18
–20
–22
–24
–26
–28
–30
VCC = 3V
VCC = 2.7V
VCC = 5V
300
275
250
225
200
175
150
125
100
75
50
25
0
–50 –40 –30 –20 –10
0
10
20
30 40
50
60
70 80 90
TEMPERATURE (
°C)
VCC = 3V
VCC = 2.7V
VCC = 5V
20
0
–20
–40
–60
–80
–100
–120
–50 –40 –30 –20 –10
0
10 20 30 40
50
60
70 80 90
TEMPERATURE (
°C)
AUDIO
AM REJECTION
DISTORTION
NOISE
12dB SINAD
Supply Current vs Temp and Supply Voltage
Power Down Supply Current vs Temp and Supply Voltage
Mixer Power Gain vs Temperature and Supply Voltage
Third Order Input Intercept Point vs Temp and Supply Voltage
Audio Output Level vs. Temp and Supply Voltage
12dB SINAD and Relative Audio, THD, Noise and AM
Rejection for VCC = 3V vs Temperature RF = 240MHz,
Level = –68dBm, Deviation = 125kHz
SR00472
Figure 3. Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com