Electronic Components Datasheet Search
  English  ▼

X  

SA626 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA626
Description  Low voltage high performance mixer FM IF system with high-speed RSSI
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA626 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA626 Datasheet HTML 7Page - NXP Semiconductors SA626 Datasheet HTML 8Page - NXP Semiconductors SA626 Datasheet HTML 9Page - NXP Semiconductors SA626 Datasheet HTML 10Page - NXP Semiconductors SA626 Datasheet HTML 11Page - NXP Semiconductors SA626 Datasheet HTML 12Page - NXP Semiconductors SA626 Datasheet HTML 13Page - NXP Semiconductors SA626 Datasheet HTML 14Page - NXP Semiconductors SA626 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Philips Semiconductors
Product specification
SA626
Low voltage high performance mixer FM IF system
with high-speed RSSI
1997 Sept 25
11
10
9
8
7
6
5
4
3
2
1
20
19
18
17
16
15
14
13
12
11
RF IN
RF BYPASS
OSC (EMITTER)
OSC (BASE)
RSSI FEEDBACK
RSSI OUT
PD CTRL
AUDIO OUT
QUAD
VCC
MIXER OUT
DECOUPLING
IF IN
DECOUPLING
GROUND
LIMITER IN
LIMITER DEC
LIMITER DEC
LIMITER OUT
IF OUT
FLT1
1
2
3
FLT1
1
2
3
AUDIO
SMA
RF IN
SMA
RF IN
240MHz
229.3MHz
C6
39pF
C8
C10
R3
C7
+
L2
47nH
C5
5–30pF
C4
1.0nF
C2
22pF
C3
RSSI
PWR DWN CTRL
VCC
L1
33nH
C1
5–30pF
U1
SA626/636
R4
12k
C11
39pF
L3
C12
C13
4.7pF
C14
C15
10.7MHz
C17
C16
10.7MHz
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
6.8
µF
5.6
µH
NOTE: For SA626 C10 and R3 are not required.
I
G
O
I
G
O
XTAL
XTAL
IF AMP
IF AMP
SR00478
Figure 9. SA626 240MHz (RF) / 10.7MHz (IF) Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com