Electronic Components Datasheet Search
  English  ▼

X  

SA626 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SA626
Description  Low voltage high performance mixer FM IF system with high-speed RSSI
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA626 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SA626 Datasheet HTML 8Page - NXP Semiconductors SA626 Datasheet HTML 9Page - NXP Semiconductors SA626 Datasheet HTML 10Page - NXP Semiconductors SA626 Datasheet HTML 11Page - NXP Semiconductors SA626 Datasheet HTML 12Page - NXP Semiconductors SA626 Datasheet HTML 13Page - NXP Semiconductors SA626 Datasheet HTML 14Page - NXP Semiconductors SA626 Datasheet HTML 15Page - NXP Semiconductors SA626 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Philips Semiconductors
Product specification
SA626
Low voltage high performance mixer FM IF system
with high-speed RSSI
1997 Sept 25
12
RF GENERATOR
HP8903A DISTORTION
ANALYZER
SCOPE
DC VOLTMETER
240MHz
DE-EMPHASIS
FILTER
RSSI
AUDIO
SA626 DEMO BOARD
LO / GENERATOR
229.3MHz
VCC = 3V
C–MESSAGE
SR00479
Figure 10. SA626 Application Circuit Test Set Up
NOTES:
1. C-message: The C-message and de-emphasis filter combination has a peak gain of 10 for accurate measurements. Without the gain, the
measurements may be affected by the noise of the scope and HP8903A analyzer. The de-emphasis filter has a fixed -6dB/Octave slope
between 300Hz and 3kHz.
2. Ceramic filters: The ceramic filter can be SFE10.7MA5-A made by Murata which has 280kHz IF bandwidth.
3. RF generator: Set your RF generator at 240.000MHz, use a 1kHz modulation frequency and a 125kHz deviation.
4. Sensitivity: The measured typical sensitivity for 12dB SINAD should be 0.54
µV or –112dBm at the RF input.
5. Layout: The layout is very critical in the performance of the receiver. We highly recommend our demo board layout.
6. RSSI: The smallest RSSI voltage (i.e., when no RF input is present and the input is terminated) is a measure of the quality of the layout and
design. If the lowest RSSI voltage is 500mV or higher, it means the receiver is in regenerative mode. In that case, the receiver sensitivity
will be worse than expected.
7. Supply bypass and shielding: All of the inductors, the quad tank, and their shield must be grounded. A 0.1
µF bypass capacitor on the
supply pin improves sensitivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com