Electronic Components Datasheet Search
  English  ▼

X  

SA626 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA626
Description  Low voltage high performance mixer FM IF system with high-speed RSSI
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA626 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA626 Datasheet HTML 6Page - NXP Semiconductors SA626 Datasheet HTML 7Page - NXP Semiconductors SA626 Datasheet HTML 8Page - NXP Semiconductors SA626 Datasheet HTML 9Page - NXP Semiconductors SA626 Datasheet HTML 10Page - NXP Semiconductors SA626 Datasheet HTML 11Page - NXP Semiconductors SA626 Datasheet HTML 12Page - NXP Semiconductors SA626 Datasheet HTML 13Page - NXP Semiconductors SA626 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors
Product specification
SA626
Low voltage high performance mixer FM IF system
with high-speed RSSI
1997 Sept 25
10
10
9
8
7
6
5
4
3
2
1
20
19
18
17
16
15
14
13
12
11
RSSI
MIXER
QUAD
C19
C18
SW5
C13
C15
FLT1
0.1
µF
6.8
µF 10V
160pF select
1000pF
39pF select
0.1
µF
1
µF
C14
C15
C18
C19
C20
C21
L1
L2
L3
L4
L5
FLT1
0.1
µF
1000pF
10.7MHz (Murata SFE10.7MA5-A)
1.27–2.25
µH select for mixer
5.6
µH select for input match
22nH select for input match
1000pF
C1
C2
C3
C4
C5
C6
*C7
C8
C9
C10
C11
C12
C13
Automatic Test Circuit Component List
OSCILLATOR
FLT2
10.7MHz (Murata SFE10.7MA5-A)
FLT3
Active de-emphasis
FLT4
“C” message weighted
LIMITER
VCC
+
–
AUDIO
C16
0.1
µF
C17
0.1
µF
*NOTE: This value can be reduced when a battery is the power source.
PWR
DWN
0.1
µF
100pF
1–5pF select for input match
0.1
µF
0.1
µF
1–5pF select for input match
47nH select for input match
0.1
µF
1000pF
150nH select for input match
1pF
FLT
3
FLT
4
FLT2
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
347.8
Ω
6.42k
Ω
49.9
Ω
1k
Ω
347.8
Ω
49.9
Ω
49.9
Ω
1k
Ω
49.9
Ω
8.2k
Ω select
6.42k
Ω
MIXER
IF/LIM OUT
IF/LIM IN
L5
C12
C11
21
+
–
IF
AMP
2
1
C14
R3
R2
R4
R5
C16
R6
21
2
1
C17
R8
R7
R9
C20
R10
R11
C21
L4
R1
C8
C9
C10
C6
C7
C4
C5
L3
C3
C1
*L1
*L2
RF IN
LO IN
RSSI
OUT
PWR
DWN
CTRL
AUDIO
OUT
VCC
output match
C2
SR00477
Figure 8. SA626 240.5MHz (RF) / 10.7MHz (IF) Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com