Electronic Components Datasheet Search
  English  ▼

X  

SA626 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA626
Description  Low voltage high performance mixer FM IF system with high-speed RSSI
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA626 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA626 Datasheet HTML 1Page - NXP Semiconductors SA626 Datasheet HTML 2Page - NXP Semiconductors SA626 Datasheet HTML 3Page - NXP Semiconductors SA626 Datasheet HTML 4Page - NXP Semiconductors SA626 Datasheet HTML 5Page - NXP Semiconductors SA626 Datasheet HTML 6Page - NXP Semiconductors SA626 Datasheet HTML 7Page - NXP Semiconductors SA626 Datasheet HTML 8Page - NXP Semiconductors SA626 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
Product specification
SA626
Low voltage high performance mixer FM IF system
with high-speed RSSI
1997 Sept 25
3
BLOCK DIAGRAM
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
FAST
IF
AMP
EB
OSCILLATOR
LIMITER
MIXER
QUAD
+
–
+
–
RSSI
GND
PWR
DWN
RSSI
AUDIO
VCC
SR00471
Figure 2. Block Diagram
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Single supply voltage
0.3 to 7
V
VIN
Voltage applied to any other pin
–0.3 to (VCC+0.3)
V
TSTG
Storage temperature range
-65 to +150
°C
TA
Operating ambient temperature range SA626
–40 to +85
°C
θJA
Thermal impedance
D package
90
°C/W
DK package
117
°C/W
DC ELECTRICAL CHARACTERISTICS
VCC = +3V, TA = 25°C; unless otherwise stated.
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
SA626
UNITS
MIN
TYP
MAX
VCC
Power supply voltage range
2.7
3.0
5.5
V
ICC
DC current drain
Pin 8 = HIGH
5.5
6.5
7.5
mA
ICC
Standby
Pin 8 = LOW
0.2
0.5
mA
Input current
Pin 8 LOW
–10
10
µA
Pin 8 HIGH
–10
10
µA
Input level
Pin 8 LOW
0
0.3VCC
V
Pin 8 HIGH
0.7VCC
VCC
V
tON
Power up time
RSSI valid (10% to 90%)
10
µs
tOFF
Power down time
RSSI invalid (90% to 10%)
5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com