Electronic Components Datasheet Search
  English  ▼

X  

SA631 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA631
Description  1GHz low voltage LNA and mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA631 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA631 Datasheet HTML 1Page - NXP Semiconductors SA631 Datasheet HTML 2Page - NXP Semiconductors SA631 Datasheet HTML 3Page - NXP Semiconductors SA631 Datasheet HTML 4Page - NXP Semiconductors SA631 Datasheet HTML 5Page - NXP Semiconductors SA631 Datasheet HTML 6Page - NXP Semiconductors SA631 Datasheet HTML 7Page - NXP Semiconductors SA631 Datasheet HTML 8Page - NXP Semiconductors SA631 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
Product specification
SA631
1GHz low voltage LNA and mixer
1998 Jan 08
5
Table 1. Power ON/OFF Control Logic
PD1
PD2
0
0
Full chip power-down
0
1 or open
Mixer on, LNA power-down
1 or open
0
Standby (bias on)
1 or open
1 or open
Full chip power-on (default)
SR01589
+
–
20
19
18
17
16
15
14
13
12
11
12
3
4
56
7
8
9
10
PD1
PD2
GND
GND
GND
GND
GND
GND
GND
MIXER
GND
GND
GND
GND
VCC
LOOUT
IFOUT
VCOOUT
SA631
C3
6.8pF
L4
560n
C15
10nF
C14
6.8pF
C13
33pF
C8
10nF
3V
C12
100pF
C1
100pF
VCC
OUT
MIXER
OUT
MIXER
IN
LNA
IN
LNA
OUT
L3
6.8nH
10nF
0.1
µF
C9
C11
L6
12nH
C10
2.2pF
10pF
C16
10pF
L1
560nH
C2
Figure 3. SA631 Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com