Electronic Components Datasheet Search
  English  ▼

X  

SA631 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA631
Description  1GHz low voltage LNA and mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA631 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA631 Datasheet HTML 6Page - NXP Semiconductors SA631 Datasheet HTML 7Page - NXP Semiconductors SA631 Datasheet HTML 8Page - NXP Semiconductors SA631 Datasheet HTML 9Page - NXP Semiconductors SA631 Datasheet HTML 10Page - NXP Semiconductors SA631 Datasheet HTML 11Page - NXP Semiconductors SA631 Datasheet HTML 12Page - NXP Semiconductors SA631 Datasheet HTML 13Page - NXP Semiconductors SA631 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors
Product specification
SA631
1GHz low voltage LNA and mixer
1998 Jan 08
10
CH1
S21
10 U FS
1:
6.7 U
142.5
°
200 MHz
2:
5.9 U
112.3
°
400 MHz
3:
5.9 U
78.1
°
600 MHz
START
100. 000 000 MHz
STOP
1 200. 000 000 MHz
1
3
2
4
SR01254
4:
4.5 U
21.2
°
900 MHz
Figure 9. Typical S21 of LNA at 3V
CH2
S12
50 mU FS
1:
1.9 mU
83.0
°
200 MHz
2:
1.6 mU
133.5
°
400 MHz
3:
11.4 mU
141.5
°
600 MHz
START
100. 000 000 MHz
STOP
1 200. 000 000 MHz
3
2
4
SR01255
1
4:
27.9 mU
106.1
°
900 MHz
Figure 10. Typical S12 of LNA at 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com