Electronic Components Datasheet Search
  English  ▼

X  

SA631 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA631
Description  1GHz low voltage LNA and mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA631 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA631 Datasheet HTML 1Page - NXP Semiconductors SA631 Datasheet HTML 2Page - NXP Semiconductors SA631 Datasheet HTML 3Page - NXP Semiconductors SA631 Datasheet HTML 4Page - NXP Semiconductors SA631 Datasheet HTML 5Page - NXP Semiconductors SA631 Datasheet HTML 6Page - NXP Semiconductors SA631 Datasheet HTML 7Page - NXP Semiconductors SA631 Datasheet HTML 8Page - NXP Semiconductors SA631 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors
Product specification
SA631
1GHz low voltage LNA and mixer
1998 Jan 08
4
AC ELECTRICAL CHARACTERISTICS
VCC = +3.0V, Tamb = 25°C; RFIN = 881MHz, fVCO = 964MHz; unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
–3
s
TYP
+3
s
UNITS
Low Noise Amplifier
fRF
RF input frequency range
800
1000
MHz
S21
Amplifier gain
15
dB
S21
Amplifier gain in power-down mode
–28
dB
∆S21/∆T
Gain temperature sensitivity enabled
0.006
dB/
°C
∆S21/∆f
Gain frequency variation
800MHz - 1.0GHz
±0.013
dB/MHz
S12
Amplifier reverse isolation
@ 881 MHz
–28
dB
S11
Amplifier input match
With ext. impedance matching
–10
dB
S22
Amplifier output match
–10
dB
P-1dB
Amplifier input 1dB gain compression
–20
dBm
IP3
Amplifier input third order intercept
–7
dBm
NF
Amplifier noise figure
1.7
dB
tON
Amplifier turn-on time (Enable Lo
→ Hi)
120
µs
tOFF
Amplifier turn-off time (Enable Hi
→ Lo)
0.3
µs
Mixer
PGC
Mixer power conversion gain: RP = RL = 1.2kΩ
fRF = 881MHz, fLO = 964MHz,
fIF = 83MHz
9.6
dB
S11M
Mixer input match
Ext. impedance matching req.
–10
dB
NFM
Mixer SSB noise figure
10
dB
P-1dB
Mixer input 1dB gain compression
–14.5
dBm
IP3M
Mixer input third order intercept
3.3
dBm
IP2INT
Mixer input second order intercept
38
dBm
PRFM-IF
Mixer RF feedthrough
RFIN = –32dBm
–45
dBm
PLO-IF
LO feedthrough to IF
LO = –0dBm
–23
dBm
PLO-RFM
LO to mixer input feedthrough
–32
dBm
PLO-RF
LO to LNA input feedthrough
–42
dBm
Overall System
GSYS
System gain
LNA + Mixer
23.9
24.6
25.3
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com