Electronic Components Datasheet Search
  English  ▼

X  

SA631 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA631
Description  1GHz low voltage LNA and mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA631 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA631 Datasheet HTML 7Page - NXP Semiconductors SA631 Datasheet HTML 8Page - NXP Semiconductors SA631 Datasheet HTML 9Page - NXP Semiconductors SA631 Datasheet HTML 10Page - NXP Semiconductors SA631 Datasheet HTML 11Page - NXP Semiconductors SA631 Datasheet HTML 12Page - NXP Semiconductors SA631 Datasheet HTML 13Page - NXP Semiconductors SA631 Datasheet HTML 14Page - NXP Semiconductors SA631 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Philips Semiconductors
Product specification
SA631
1GHz low voltage LNA and mixer
1998 Jan 08
11
3
CH1
S11
1 U FS
2
1
4
1:
122.8
Ω
-144.9
Ω
200 MHz
2:
58.0
Ω
-86.8
Ω
400 MHz
3:
45.9
Ω
-62.3
Ω
600 MHz
START
100. 000 000 MHz
STOP
1 200. 000 000 MHz
SR01256
4:
26.6
Ω
-43.2
Ω
4.085 pF
900 MHz
Figure 11. Typical S11 of Mixer at 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com