Electronic Components Datasheet Search
  English  ▼

X  

SA631 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA631
Description  1GHz low voltage LNA and mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA631 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA631 Datasheet HTML 3Page - NXP Semiconductors SA631 Datasheet HTML 4Page - NXP Semiconductors SA631 Datasheet HTML 5Page - NXP Semiconductors SA631 Datasheet HTML 6Page - NXP Semiconductors SA631 Datasheet HTML 7Page - NXP Semiconductors SA631 Datasheet HTML 8Page - NXP Semiconductors SA631 Datasheet HTML 9Page - NXP Semiconductors SA631 Datasheet HTML 10Page - NXP Semiconductors SA631 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Product specification
SA631
1GHz low voltage LNA and mixer
1998 Jan 08
7
PERFORMANCE CHARACTERISTICS
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
25
°C
85
°C
ICC vs VCC and Temperature
8.2
7.8
7.4
7.0
6.6
6.2
5.8
9.8
9.4
9.0
8.6
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
85
°C
Mixer Power Gain vs VCC
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
25
°C
85
°C
LO to LNA In Feedthrough vs VCC
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
LO to Mixer In Feedthrough vs VCC
–39
–40
–41
–42
–43
–44
–45
–46
–47
–48
–49
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
25
°C
85
°C
LO to IF Feedthrough vs VCC
–20
–21
–22
–23
–24
–25
–26
–27
–28
–29
–30
SR01591
11.0
10.5
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
25
°C
–28.0
–30.0
–32.0
–34.0
–36.0
–38.0
–40.0
–42.0
25
°C
85
°C
Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com