Electronic Components Datasheet Search
  English  ▼

X  

SA636 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA636
Description  Low voltage high performance mixer FM IF system with high-speed RSSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA636 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA636 Datasheet HTML 1Page - NXP Semiconductors SA636 Datasheet HTML 2Page - NXP Semiconductors SA636 Datasheet HTML 3Page - NXP Semiconductors SA636 Datasheet HTML 4Page - NXP Semiconductors SA636 Datasheet HTML 5Page - NXP Semiconductors SA636 Datasheet HTML 6Page - NXP Semiconductors SA636 Datasheet HTML 7Page - NXP Semiconductors SA636 Datasheet HTML 8Page - NXP Semiconductors SA636 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Philips Semiconductors
Product specification
SA636
Low voltage high performance mixer FM IF system
with high-speed RSSI
1997 Nov 07
5
PERFORMANCE CHARACTERISTICS
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
–50 –40 –30 –20 –10 0
10 20 30 40
50
60
70 80 90
TEMPERATURE (
°C)
100
Power Down Supply Current vs Temperature and Supply Voltage
VCC = 5V
VCC = 3V
VCC = 2.7V
9.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
–50 –40 –30 –20 –10
0
10
20
30 40
50
60
70 80 90
TEMPERATURE (
°C)
Supply Current vs Temperature and Supply Voltage
Mixer Power Gain vs Temperature and Supply Voltage
20
0
–20
–40
–60
–80
–100
–120
–50 –40 –30 –20 –10
0
10 20 30 40
50
60
70 80 90
TEMPERATURE (
°C)
12dB SINAD and Relative Audio, THD, Noise
and AM Rejection for VCC = 3V vs Temperature
RF = 240MHz, Level = –68dBm, Deviation = 125kHz
VCC = 3V
VCC = 2.7V
VCC = 5V
AUDIO
AM REJECTION
DISTORTION
NOISE
12dB SINAD
Temperature (
°C)
–40
0
25
70
85
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
5.5V
2.7V
3.0V
RF level = -45 dBm
Mixer IIP3 at 240MHz vs Temperature and Supply Voltage
Temperature (
°C)
–40
0
25
70
85
–5
–7
–9
–11
–13
–15
–17
–19
–21
–23
–25
5.5V
2.7V
3.0V
RF level = -45 dBm
Temperature (
°C)
–40
0
257085
300
5.5V
2.7V
3.0V
250
200
150
100
50
0
Audio Reference Level vs Temperature and Supply Voltage
SR00493
Figure 3. Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com