Electronic Components Datasheet Search
  English  ▼

X  

SA636 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA636
Description  Low voltage high performance mixer FM IF system with high-speed RSSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA636 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA636 Datasheet HTML 1Page - NXP Semiconductors SA636 Datasheet HTML 2Page - NXP Semiconductors SA636 Datasheet HTML 3Page - NXP Semiconductors SA636 Datasheet HTML 4Page - NXP Semiconductors SA636 Datasheet HTML 5Page - NXP Semiconductors SA636 Datasheet HTML 6Page - NXP Semiconductors SA636 Datasheet HTML 7Page - NXP Semiconductors SA636 Datasheet HTML 8Page - NXP Semiconductors SA636 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Philips Semiconductors
Product specification
SA636
Low voltage high performance mixer FM IF system
with high-speed RSSI
1997 Nov 07
4
AC ELECTRICAL CHARACTERISTICS
TA = 25°C; VCC = +3V, unless otherwise stated. RF frequency = 240.05MHz + 14.5dBV RF input step-up; IF frequency = 10.7MHz; RF level =
-45dBm; FM modulation = 1kHz with
±125kHz peak deviation. Audio output with C-message weighted filter and de-emphasis capacitor. Test
circuit Figure 1. The parameters listed below are tested using automatic test equipment to assure consistent electrical characteristics. The
limits do not represent the ultimate performance limits of the device. Use of an optimized RF layout will improve many of the listed parameters.
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
SA636
UNITS
MIN
TYP
MAX
Mixer/Osc section (ext LO = 160mVRMS)
fIN
Input signal frequency
500
MHz
fOSC
External oscillator (buffer)
500
MHz
Noise figure at 240MHz
12
dB
Third-order input intercept point
Matched f1=240.05; f2=240.35MHz
-16
dBm
Conversion power gain
Matched 14.5dBV step-up
8
11
14
dB
RF input resistance
Single-ended input
700
Ω
RF input capacitance
3.5
pF
Mixer output resistance
(Pin 20)
330
Ω
IF section
IF amp gain
330
Ω load
38
dB
Limiter gain
330
Ω load
54
dB
Input limiting -3dB
Test at Pin 18
–105
dBm
AM rejection
80% AM 1kHz
50
dB
Data level
RLOAD = 100kΩ
120
130
mVRMS
3dB data bandwidth
600
700
kHz
SINAD sensitivity
RF level = -111dBm
16
dB
THD
Total harmonic distortion
-43
-38
dB
S/N
Signal-to-noise ratio
No modulation for noise
60
dB
IF level = -118dBm
0.2
0.5
V
IF RSSI output with buffer
IF level = -68dBm
0.3
0.6
1.0
V
IF level = -10dBm
0.9
1.3
1.8
V
IF RSSI output rise time
IF frequency = 10.7MHz
(10kHz pulse, no 10.7MHz filter)
RF level = -56dBm
1.2
µs
(no RSSI bypass capacitor)
RF level = -28dBm
1.1
µs
IF RSSI output fall time
IF frequency = 10.7MHz
(10kHz pulse, no 10.7MHz filter)
RF level = -56dBm
2.0
µs
(no RSSI bypass capacitor)
RF level = -28dBm
7.3
µs
RSSI range
90
dB
RSSI accuracy
+1.5
dB
IF input impedance
330
Ω
IF output impedance
330
Ω
Limiter input impedance
330
Ω
Limiter output impedance
300
Ω
Limiter output level with no load
130
mVRMS
RF/IF section (int LO)
System RSSI output
RF level = -10dBm
1.4
V
System SINAD
RF level = -106dBm
12
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com