Electronic Components Datasheet Search
  English  ▼

X  

SA636 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA636
Description  Low voltage high performance mixer FM IF system with high-speed RSSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA636 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA636 Datasheet HTML 2Page - NXP Semiconductors SA636 Datasheet HTML 3Page - NXP Semiconductors SA636 Datasheet HTML 4Page - NXP Semiconductors SA636 Datasheet HTML 5Page - NXP Semiconductors SA636 Datasheet HTML 6Page - NXP Semiconductors SA636 Datasheet HTML 7Page - NXP Semiconductors SA636 Datasheet HTML 8Page - NXP Semiconductors SA636 Datasheet HTML 9Page - NXP Semiconductors SA636 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Philips Semiconductors
Product specification
SA636
Low voltage high performance mixer FM IF system
with high-speed RSSI
1997 Nov 07
6
PERFORMANCE CHARACTERISTICS (continued)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
2
1.8
1.6
1.4
1.3
1.0
0.8
0.6
0.4
0.2
0
RF INPUT LEVEL (dBm)
Receiver RF Performance — T = 25
°C,
Audio Level = 129mVRMS
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
RF INPUT LEVEL (dBm)
AUDIO
AM REJECTION
THD+N
NOISE
RSSI
Receiver RF Performance — T = –40
°C,
Audio Level = 118mVRMS
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
RF INPUT POWER (dBm)
Mixer Third Order Intercept and Compression
RF INPUT LEVEL (dBm)
RSSI vs RF Input Level and Temperature
–40
°C
25
°C
85
°C
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
Receiver RF Performance – T = 85
°C, Audio Level = 131mVRMS
AUDIO
AM REJECTION
THD+N
NOISE
RSSI
AUDIO
AM REJECTION
THD+N
NOISE
RSSI
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
Temperature (
°C)
–40
0
25
70
85
–5
–7
–9
–11
–13
–15
–17
–19
–21
–23
–25
5.5V
2.7V
3.0V
RF level = -45 dBm
Mixer IIP3 at 240MHz vs Temperature and Supply Voltage
SR00494
Figure 4. Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com