Electronic Components Datasheet Search
  English  ▼

X  

SA636 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SA636
Description  Low voltage high performance mixer FM IF system with high-speed RSSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA636 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SA636 Datasheet HTML 8Page - NXP Semiconductors SA636 Datasheet HTML 9Page - NXP Semiconductors SA636 Datasheet HTML 10Page - NXP Semiconductors SA636 Datasheet HTML 11Page - NXP Semiconductors SA636 Datasheet HTML 12Page - NXP Semiconductors SA636 Datasheet HTML 13Page - NXP Semiconductors SA636 Datasheet HTML 14Page - NXP Semiconductors SA636 Datasheet HTML 15Page - NXP Semiconductors SA636 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Philips Semiconductors
Product specification
SA636
Low voltage high performance mixer FM IF system
with high-speed RSSI
1997 Nov 07
12
10
9
8
7
6
5
4
3
2
1
20
19
18
17
16
15
14
13
12
11
RF IN
RF BYPASS
OSC (EMITTER)
OSC (BASE)
RSSI FEEDBACK
RSSI OUT
PD CTRL
DATA OUT
QUAD IN
VCC
MIXER OUT
DECOUPLING 1
IF IN
DECOUPLING 2
GROUND
LIMITER IN
LIMITER DEC1
LIMITER DEC2
LIMITER OUT
IF OUT
SMA
LO IN
SMA
RF IN
110.592MHz
120.392MHz
C5
C6
+
R1
51
C3
1nF
C2
PWR DWN
VCC
L1
180nH
C1
5–30pF
U1
SA636
R5
1.2k
C9
82pF
L2
C10
15pF
C11
C12
10nF
100nF
1nF
1nF
15
µF
2.2
µH
XTAL
XTAL
IF AMP
IF AMP
J1
+/–288kHz
J2
@–10dBm
C4
1nF
R2
10
+3V
R3
22k
R4
33k
RSSI
DATA OUT
GND
J3
C7
470pF
C8
+
5-30pF
C13
100pF
C14
47pF
C15
330pF
L3
680nH
R6
560
C16
100pF
C17
1nF
C19
1nF
L4
680nH
C21
330pF
C18
68pF
C20
68pF
SR00500
Figure 10. SA636 110.592MHz (RF) / 9.8MHz (IF) DECT Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com