Electronic Components Datasheet Search
  English  ▼

X  

SA9500 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA9500
Description  Dual-band, CDMA/AMPS downconverter IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9500 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA9500 Datasheet HTML 3Page - NXP Semiconductors SA9500 Datasheet HTML 4Page - NXP Semiconductors SA9500 Datasheet HTML 5Page - NXP Semiconductors SA9500 Datasheet HTML 6Page - NXP Semiconductors SA9500 Datasheet HTML 7Page - NXP Semiconductors SA9500 Datasheet HTML 8Page - NXP Semiconductors SA9500 Datasheet HTML 9Page - NXP Semiconductors SA9500 Datasheet HTML 10Page - NXP Semiconductors SA9500 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Philips Semiconductors
Product specification
SA9500
Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
7
AC ELECTRICAL CHARACTERISTICS (continued)
VCC = +2.7V to +3.3V; Tamb= +25°C; Plo = –3 dBm, fIF = 85.40 MHz; unless specified otherwise.
Appropriate external matching necessary.
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
PARAMETER
TEST CONDITIONS
MIN.
–3
σ
TYP.
+3
σ
MAX.
UNITS
PCS Downconverter
RF input frequency range
1810
1990
MHz
LO input frequency range
With doubler
1007
1050
MHz
IF output frequency range
50
300
MHz
IF output load impedance
Differential
1000
Ω
Conversion gain
@ fIF, over RF/LO frequency
ranges
9.5
11.3
11.7
dB
Noise figure
@ fIF, over RF/LO frequency
ranges, SSB
8.3
10.5
dB
Input IP3
@ fIF, over RF/LO frequency
ranges
1.0
1.4
dBm
RF input return loss
ZS = 50Ω, with external balun
7.5
dB
LO input return loss
ZS = 50Ω
10
dB
LO output return loss
ZS = 50Ω, single LO out
8
dB
LO input power range
–6
–3
0
dBm
ZL = 50Ω, single LO out
LO output power range
with LO buffer @ low gain
–16.0
–15.0
–14.0
dBm
with LO buffer @ high gain
–7.5
–5.0
–4.0
dBm
LO (input and output) to RF leakage
Single-ended in, single-ended out,
with and without doubler
–39.0
–35
dBm
LO (input and output) to IF leakage
Single-ended in, differential out,
with and without doubler
–47.0
–35
dBm
RF to LO (input) isolation
Single-ended in, single-ended out,
with and without doubler
30
56.0
dB
RF to IF isolation
Single-ended in, differential out
20
42.0
dB
LO output to LO input isolation
Single-ended in, single-ended out,
with doubler
30
35.0
dB
1/2 IF spur, fIF = 85.4 MHz/111.38
MHz, with and without doubler,
Pint = –30 dBm at RF input.
56.0
58.0
dB
Spurious response rejection
With Tx band interferer at LO input
port or LO buffer output port of
–40 dBm max and with
Pint = –21 dBm in Rx band.
71.0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com