Electronic Components Datasheet Search
  English  ▼

X  

SA9500 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA9500
Description  Dual-band, CDMA/AMPS downconverter IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9500 Datasheet(HTML) 1 Page - NXP Semiconductors

  SA9500 Datasheet HTML 1Page - NXP Semiconductors SA9500 Datasheet HTML 2Page - NXP Semiconductors SA9500 Datasheet HTML 3Page - NXP Semiconductors SA9500 Datasheet HTML 4Page - NXP Semiconductors SA9500 Datasheet HTML 5Page - NXP Semiconductors SA9500 Datasheet HTML 6Page - NXP Semiconductors SA9500 Datasheet HTML 7Page - NXP Semiconductors SA9500 Datasheet HTML 8Page - NXP Semiconductors SA9500 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Philips
Semiconductors
SA9500
Dual-band, CDMA/AMPS
downconverter IC
Product specification
Supersedes data of 1998 Jul 07
IC17 Data Handbook
1998 Aug 11
INTEGRATED CIRCUITS


Similar Part No. - SA9500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9502 PHILIPS-SA9502 Datasheet
256Kb / 26P
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
SA9502DH PHILIPS-SA9502DH Datasheet
256Kb / 26P
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
SA9503 PHILIPS-SA9503 Datasheet
169Kb / 16P
Dual-band, CDMA/AMPS LNA and downconverter mixers
1999 Jul 29
SA9504 PHILIPS-SA9504 Datasheet
223Kb / 22P
Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
1999 Oct 28
More results

Similar Description - SA9500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9502 PHILIPS-SA9502 Datasheet
256Kb / 26P
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
SA9503 PHILIPS-SA9503 Datasheet
169Kb / 16P
Dual-band, CDMA/AMPS LNA and downconverter mixers
1999 Jul 29
logo
TriQuint Semiconductor
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
3V Cellular Band CDMA/AMPS LNA IC
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ9222 TRIQUINT-TQ9222 Datasheet
278Kb / 16P
Dual-Band TDMA LNA/Downconverter IC
logo
Intersil Corporation
HFA3665 INTERSIL-HFA3665 Datasheet
73Kb / 8P
CDMA/AMPS Downconverter with AGC Capability
May 1999
logo
Mitel Networks Corporat...
VENUS-L MITEL-VENUS-L Datasheet
86Kb / 7P
CDMA/AMPS Dual Band RF Receiver
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
logo
Zarlink Semiconductor I...
VENUS-L ZARLINK-VENUS-L Datasheet
291Kb / 8P
CDMA/AMPS Dual Band and RF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com