Electronic Components Datasheet Search
  English  ▼

X  

SA9500 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA9500
Description  Dual-band, CDMA/AMPS downconverter IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9500 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA9500 Datasheet HTML 4Page - NXP Semiconductors SA9500 Datasheet HTML 5Page - NXP Semiconductors SA9500 Datasheet HTML 6Page - NXP Semiconductors SA9500 Datasheet HTML 7Page - NXP Semiconductors SA9500 Datasheet HTML 8Page - NXP Semiconductors SA9500 Datasheet HTML 9Page - NXP Semiconductors SA9500 Datasheet HTML 10Page - NXP Semiconductors SA9500 Datasheet HTML 11Page - NXP Semiconductors SA9500 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Philips Semiconductors
Product specification
SA9500
Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
8
PERFORMANCE CHARACTERISTICS
DC Current Consumption / Mixer Noise Figure
26.0
26.5
27.0
27.5
28.0
28.5
2.5
3
3.5
T = 25
°C
T = 85
°C
T = –30
°C
VCC Volts
SR01689
Figure 3.
PCS RxTx (with doubled LO out) current
20.5
21.0
21.5
22.0
22.5
2.5
3
3.5
T = 25
°C
T = 85
°C
T = –30
°C
VCC Volts
SR01690
Figure 4.
PCS Idle (with doubled LO out) current
23.2
23.4
23.6
23.8
24.0
24.2
24.4
24.6
2.5
3
3.5
T = 25
°C
T = 85
°C
T = –30
°C
VCC Volts
SR01691
Figure 5.
PCS RxTx current
19.6
19.8
20.0
20.2
20.4
20.6
20.8
2.5
3
3.5
T = 25
°C
T = 85
°C
T = –30
°C
VCC Volts
SR01692
Figure 6.
PCS Rx Idle current
22.5
23.0
23.5
24.0
24.5
25.0
25.5
2.5
3
3.5
T = 25
°C
T = 85
°C
T = –30
°C
VCC Volts
SR01693
Figure 7.
Cellular CDMA RxTx current
19.0
19.5
20.0
20.5
21.0
21.5
2.5
3
3.5
T = 25
°C
T = 85
°C
T = –30
°C
VCC Volts
SR01694
Figure 8.
Cellular CDMA Rx Idle current
10.8
10.9
11.0
11.1
11.2
11.3
11.4
11.5
2.5
3
3.5
T = 25
°C
T = 85
°C
T = –30
°C
VCC Volts
SR01696
Figure 9.
Cellular FM RxTx current
7.6
7.7
7.7
7.8
7.8
7.9
2.5
3
3.5
T = 25
°C
T = 85
°C
T = –30
°C
VCC Volts
SR01697
Figure 10.
Cellular FM Rx Idle current
–10.0
10.0
30.0
50.0
70.0
90.0
2.5
3
3.5
T = 25
°C
T = 85
°C
T = –30
°C
VCC Volts
SR01695
Figure 11.
Sleep current
6
8
10
12
–30
25
80
Cellular CDMA
Cellular FM
PCS
°C
SR01717
Figure 12.
Mixer Noise Figure (VCC = 2.7V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com