Electronic Components Datasheet Search
  English  ▼

X  

SA9500 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA9500
Description  Dual-band, CDMA/AMPS downconverter IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9500 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA9500 Datasheet HTML 6Page - NXP Semiconductors SA9500 Datasheet HTML 7Page - NXP Semiconductors SA9500 Datasheet HTML 8Page - NXP Semiconductors SA9500 Datasheet HTML 9Page - NXP Semiconductors SA9500 Datasheet HTML 10Page - NXP Semiconductors SA9500 Datasheet HTML 11Page - NXP Semiconductors SA9500 Datasheet HTML 12Page - NXP Semiconductors SA9500 Datasheet HTML 13Page - NXP Semiconductors SA9500 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Philips Semiconductors
Product specification
SA9500
Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
10
PERFORMANCE CHARACTERISTICS
Conversion Gain – Cellular Band CDMA Mixer
fLO = 965.9MHz @ –3dBm, fRF = 880.5MHz @ –30dBm, fIF = 85.4MHz: unless otherwise specified or implied.
9.5
9.7
9.9
10.1
10.3
10.5
860
870
880
890
900
MHz
VCC = 3.3V
VCC = 2.7V
VCC = 3.0V
Conversion Gain vs. Frequency
T = 25
°C Cellular CDMA Mixer
SR01705
8
9
10
11
860
870
880
890
900
MHz
Conversion Gain vs. Frequency
VCC = 2.7V, Cellular CDMA Mixer
T = 25
°C
T = 85
°C
T = –30
°C
SR01706
3
5
7
9
11
–15
–10
–5
0
dBm
Conversion Gain vs. LO Input Power
T = 25
°C, Cellular CDMA Mixer
VCC = 3.3V
VCC = 2.7V
VCC = 3.0V
SR01707
0
2
4
6
8
10
12
–15
–10
–5
0
dBm
Conversion Gain vs. LO Input Power
VCC = 2.7V, Cellular CDMA Mixer
T = 25
°C
T = 85
°C
T = –30
°C
0
SR01708
9.5
9.7
9.9
10.1
10.3
10.5
–35
–30
–25
dBm
Conversion Gain vs. RF Input Power
T = 25
°C, Cellular CDMA Mixer
VCC = 3.3V
VCC = 2.7V
VCC = 3.0V
SR01709
8.5
9
9.5
10
10.5
–35
–30
–25
dBm
0
T = 25
°C
T = 85
°C
T = –30
°C
Conversion Gain vs. RF Input Power
VCC = 2.7V, Cellular CDMA Mixer
SR01710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com