Electronic Components Datasheet Search
  English  ▼

X  

SA9500 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA9500
Description  Dual-band, CDMA/AMPS downconverter IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9500 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA9500 Datasheet HTML 7Page - NXP Semiconductors SA9500 Datasheet HTML 8Page - NXP Semiconductors SA9500 Datasheet HTML 9Page - NXP Semiconductors SA9500 Datasheet HTML 10Page - NXP Semiconductors SA9500 Datasheet HTML 11Page - NXP Semiconductors SA9500 Datasheet HTML 12Page - NXP Semiconductors SA9500 Datasheet HTML 13Page - NXP Semiconductors SA9500 Datasheet HTML 14Page - NXP Semiconductors SA9500 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Philips Semiconductors
Product specification
SA9500
Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
11
PERFORMANCE CHARACTERISTICS
Conversion Gain – PCS Mixer
fLO = 1022.45MHz (doubled on-chip) @ –3dBm, fRF = 1959.5MHz @ –30dBm, fIF = 85.4MHz: unless otherwise specified or implied.
10
10.2
10.4
10.6
10.8
11
11.2
1900
1920
1940
1960
1980
2000
MHz
VCC = 3.3V
VCC = 2.7V
VCC = 3.0V
Conversion Gain vs. Frequency
T = 25
°C, PCS Mixer
SR01711
6
8
10
12
1900
1920
1940
1960
1980
2000
MHz
T = 25
°C
T = 85
°C
T = –30
°C
Conversion Gain vs. Frequency
VCC = 2.7V, PCS Mixer
SR01712
3
6
9
12
–15
–12
–9
–6
–3
0
dBm
VCC = 3.3V
VCC = 2.7V
VCC = 3.0V
Conversion Gain vs. LO Input Power
T = 25
°C, PCS Mixer
SR01713
–4
–2
0
2
4
6
8
10
12
–15
–10
–5
0
dBm
T = 25
°C
T = 85
°C
T = –30
°C
Conversion Gain vs. LO Input Power
VCC = 2.7V, PCS Mixer
SR01714
10.5
10.6
10.7
10.8
10.9
11
–35
–30
–25
dBm
VCC = 3.3V
VCC = 2.7V
VCC = 3.0V
Conversion Gain vs. RF Input Power
T = 25
°C, PCS Mixer
SR01715
8
9
10
11
12
–35
–33
–31
–29
–27
–25
dBm
T = 25
°C
T = 85
°C
T = –30
°C
Conversion Gain vs. RF Input Power
VCC = 2.7V, PCS Mixer
SR01716



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com