Electronic Components Datasheet Search
  English  ▼

X  

SA9504 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA9504
Description  Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9504 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA9504 Datasheet HTML 1Page - NXP Semiconductors SA9504 Datasheet HTML 2Page - NXP Semiconductors SA9504 Datasheet HTML 3Page - NXP Semiconductors SA9504 Datasheet HTML 4Page - NXP Semiconductors SA9504 Datasheet HTML 5Page - NXP Semiconductors SA9504 Datasheet HTML 6Page - NXP Semiconductors SA9504 Datasheet HTML 7Page - NXP Semiconductors SA9504 Datasheet HTML 8Page - NXP Semiconductors SA9504 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Philips Semiconductors
Preliminary specification
SA9504
Dual-band, PCS(CDMA)/AMPS
LNA and downconverter mixers
1999 Oct 28
5
MODE SELECT LOGIC AND
DC CHARACTERISTICS
The SA9504 chip has several modes of operation for which the
selection logic is defined in the following table. Different mode
selections require different portions of the circuit to be active. Modes
from unlisted combinations of logic pins, are not valid.
POWER-UP PROCEDURE
In order for the SA9504 to function correctly as given in Table 1, the
circuit must be reset on power-up as follows:
To apply a reset, both S0 and S1 should be held HIGH
simultaneously (hold time 100 ns minimum), and then released to a
LOW state upon initially powering up the device.
Table 1.
Mode logic definition for LNA and Downconverter mixers
(Tx) LO
LOGIC INPUT PINS
MODES
(Tx) LO
BUFFER
(Tx) LO
BUFFER
OUTPUT
LO FREQ.
DOUBLER
POWER
DOWN1
S0 = S1
PCS/CEL
LO X2
ENABLE
(Tx) LO
ENABLE
PCS (CDMA)
1
PCS1
On
2 GHz
Off
0
1
0
1
2
PCS1 Idle
Off
—
Off
0
1
0
0
3
PCS2
On
2 GHz
On
0
1
1
1
4
PCS2 Idle
Off
—
On
0
1
1
0
Cellular FM
5
FM
On
1 GHz
Off
0
0
0
1
6
FM Idle
Off
—
Off
0
0
0
0
Power Down
7
Sleep1
x
x
Off
1
x
x
x
NOTES:
x = Don’t care
1. The device will be in the Power Down mode (sleep) when both control lines S0 and S1 are held HIGH simultaneously.
DC CHARACTERISTICS
VCC = 3.3 V; Tamb = +25 °C
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Power supply
VCC
Supply voltage
all modes
2.7
2.85
3.3
V
ICC
Supply current
PCS1 mode
32.5
37.4
mA
PCS1 Idle mode
21.9
25.2
mA
PCS2 mode
36.9
42.4
mA
PCS2 Idle mode
26.3
30.2
mA
FM mode
22.3
25.6
mA
FM Idle mode
11.8
13.8
mA
ICC(PD)
Supply current in power down
Sleep
1
50
µA
Logic inputs (LO_ENABLE, PCS/CEL, S0, S1, LO_X2_EN pins)
VIH
HIGH level input voltage range
At logic 1
0.5VCC
VCC+0.3
V
VIL
LOW level input voltage range
At logic 0
–0.3
0.2VCC
V
IIH
HIGH level input bias current
pins at VCC – 0.4 V
–5
0
5
µA
IIL
LOW level input bias current
pins at 0.4 V
–5
0
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com