Electronic Components Datasheet Search
  English  ▼

X  

SA9504 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SA9504
Description  Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9504 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SA9504 Datasheet HTML 12Page - NXP Semiconductors SA9504 Datasheet HTML 13Page - NXP Semiconductors SA9504 Datasheet HTML 14Page - NXP Semiconductors SA9504 Datasheet HTML 15Page - NXP Semiconductors SA9504 Datasheet HTML 16Page - NXP Semiconductors SA9504 Datasheet HTML 17Page - NXP Semiconductors SA9504 Datasheet HTML 18Page - NXP Semiconductors SA9504 Datasheet HTML 19Page - NXP Semiconductors SA9504 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Philips Semiconductors
Preliminary specification
SA9504
Dual-band, PCS(CDMA)/AMPS
LNA and downconverter mixers
1999 Oct 28
16
PCS Downconverter (LO Doubler) – Input IP3
3
4
5
6
2.70v
3.30v
Input IP3 vs. LO Input Power, PCS2 Mixer
Temp. = 25
°C
LO (dBm)
SR02164
–15
–12
–9
–6
–3
0
2
Figure 43.
1920
1940
1960
1980
2000
2.70V
3.30V
Input IP3 vs. Frequency, PCS2 Mixer
Temp. = 25
°C
FREQUENCY (MHz)
SR02166
3.0
4.0
5.0
6.0
2.0
Figure 44.
3.0
4.0
5.0
6.0
–50
–30
–10
10
30
50
70
90
2.7V
3.3V
Input IP3 vs. Temperature, PCS2 Mixer
RF Frequency: 1960 MHz
AMBIENT TEMPERATURE (
°C)
SR02163
2.0
Figure 45.
2
3
4
5
6
–15
–12
–9
–6
–3
0
Input IP3 vs. LO Input Power, PCS2 Mixer
VCC = 2.70 V
–40
°C
+25
°C
+85
°C
LO (dBm)
SR02165
Figure 46.
6.0
1920
1940
1960
1980
2000
Input IP3 vs. Frequency, PCS2 Mixer
VCC = 2.70 V
–40
°C
+25
°C
+85
°C
FREQUENCY (MHz)
SR02167
5.0
4.0
3.0
2.0
Figure 47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com