Electronic Components Datasheet Search
  English  ▼

X  

SA9504 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA9504
Description  Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9504 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA9504 Datasheet HTML 2Page - NXP Semiconductors SA9504 Datasheet HTML 3Page - NXP Semiconductors SA9504 Datasheet HTML 4Page - NXP Semiconductors SA9504 Datasheet HTML 5Page - NXP Semiconductors SA9504 Datasheet HTML 6Page - NXP Semiconductors SA9504 Datasheet HTML 7Page - NXP Semiconductors SA9504 Datasheet HTML 8Page - NXP Semiconductors SA9504 Datasheet HTML 9Page - NXP Semiconductors SA9504 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Philips Semiconductors
Preliminary specification
SA9504
Dual-band, PCS(CDMA)/AMPS
LNA and downconverter mixers
1999 Oct 28
6
LNA
AC ELECTRICAL CHARACTERISTICS
VCC = 2.7 V; Tamb = 25°C
LIMITS
PARAMETER
TEST CONDITIONS
MIN
–3
σ
TYP
+3
σ
MAX
UNIT
Cellular band LNA
RF input frequency range
869
894
MHz
Gain
15.5
16.5
17.5
dB
Noise Figure
1.6
1.9
dB
Input IP3
2 tones of –30 dBm each,
∆f=60 kHz
–7
–6
dBm
2 tones of –30 dBm each,
∆f=800 kHz
–3
–1.5
dBm
S11
With external matching
–10
dB
S22
–15
dB
S12
–40
dB
LO (input and output) to LNA
input isolation
LO single-ended in, single-ended out, with
and without doubler. 0 dBm LO in, (Tx) LO
bff
ON
40
dB
All modes
buffer ON.
PCS band LNA
RF input frequency range
1810
1990
MHz
Gain
13.8
14.8
16
dB
Noise Figure
2.0
2.4
dB
Input IP3
2 tones of –30 dBm each,
∆f=800 kHz
0
1.5
dBm
S11
With external matching
–9
dB
S22
–12
dB
S12
–40
dB
LO (input and Output) to LNA
input isolation
LO single-ended in, single-ended out, with
and without doubler 0 dBm LO in (Tx) LO
36
dB
in ut isolation
and without doubler. 0 dBm LO in, (Tx) LO
buffer ON.
TYPICAL LNA SPECIFICATIONS WITH TEMPERATURE VARIATION AT –40
°C AND +85°C
VCC = 2.7 V
SPECIFICATION
CONDITIONS
TEMPERATURE
UNIT
SPECIFICATION
CONDITIONS
–40
°C
+25
°C
+85
°C
UNIT
Cellular band LNA
Supply current variation
–100
0
–100
µA
Gain variation
1
0
–1
dB
Noise Figure variation
–0.3
0
0.3
dB
Input IP3 variation
∆f = 60 kHz
–0.35
0
0.3
dBm
PCS band LNA
Supply current variation
–40
0
–40
µA
Gain variation
0.8
0
–1
dB
Noise Figure variation
–0.4
0
0.4
dB
Input IP3 variation
0.9
0
–1
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com