Electronic Components Datasheet Search
  English  ▼

X  

SA9504 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA9504
Description  Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9504 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA9504 Datasheet HTML 6Page - NXP Semiconductors SA9504 Datasheet HTML 7Page - NXP Semiconductors SA9504 Datasheet HTML 8Page - NXP Semiconductors SA9504 Datasheet HTML 9Page - NXP Semiconductors SA9504 Datasheet HTML 10Page - NXP Semiconductors SA9504 Datasheet HTML 11Page - NXP Semiconductors SA9504 Datasheet HTML 12Page - NXP Semiconductors SA9504 Datasheet HTML 13Page - NXP Semiconductors SA9504 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Philips Semiconductors
Preliminary specification
SA9504
Dual-band, PCS(CDMA)/AMPS
LNA and downconverter mixers
1999 Oct 28
10
LNA characteristics
Cellular LNA Gain @ 881 MHz vs. VCC
–40
°C
+25
°C
+85
°C
SR02129
15.0
16.0
17.0
18.0
2.50
2.70
2.90
3.10
3.30
3.50
VCC (V)
Figure 9.
–40
°C
+25
°C
+85
°C
PCS LNA Gain @ 1960 MHz vs. VCC
SR02130
13.5
14.5
15.5
16.5
2.50
2.70
2.90
3.10
3.30
3.50
VCC (V)
Figure 10.
–40
°C
1
1.2
1.4
1.6
1.8
2
2.2
2.4
CEL–1
PCS–1
+25
°C
+85
°C
LNA Noise Figure vs. Temerature
VCC = 2.85 V
AMBIENT TEMPERATURE
SR02133
Figure 11.
–2
–1.8
–1.6
–1.4
–1.2
–1
2.50
2.70
2.90
3.10
3.30
3.50
Cellular LNA Input IP3 @ 881 MHz vs. VCC
VCC (V)
–40
°C
+25
°C
+85
°C
SR02131
Figure 12.
1
1.5
2
2.5
3
3.5
2.50
2.70
2.90
3.10
3.30
3.50
PCS LNA Input IP3 @ 1960 MHz vs. VCC
–40
°C
+25
°C
+85
°C
VCC (V)
SR02132
Figure 13.
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.50
2.70
2.90
3.10
3.30
3.50
CEL–1
PCS–1
LNA Noise Figure vs. VCC
Temp. = 25
°C
VCC (V)
SR02134
Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com