Electronic Components Datasheet Search
  English  ▼

X  

SA9504 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA9504
Description  Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9504 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA9504 Datasheet HTML 7Page - NXP Semiconductors SA9504 Datasheet HTML 8Page - NXP Semiconductors SA9504 Datasheet HTML 9Page - NXP Semiconductors SA9504 Datasheet HTML 10Page - NXP Semiconductors SA9504 Datasheet HTML 11Page - NXP Semiconductors SA9504 Datasheet HTML 12Page - NXP Semiconductors SA9504 Datasheet HTML 13Page - NXP Semiconductors SA9504 Datasheet HTML 14Page - NXP Semiconductors SA9504 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Philips Semiconductors
Preliminary specification
SA9504
Dual-band, PCS(CDMA)/AMPS
LNA and downconverter mixers
1999 Oct 28
11
Cellular Band Downconverter – Conversion Gain
6.0
6.5
7.0
7.5
8.0
850
860
870
880
890
900
910
2.70V
3.30V
Conversion Gain vs. Frequency, Cellular FM
Temp. = 25
°C
FREQUENCY (MHz)
SR02135
Figure 15.
6.0
6.5
7.0
7.5
8.0
–15
–12
–9
–6
–3
0
2.70V
3.30V
Conversion Gain vs. LO Input Power, Cellular FM
Temp. = 25
°C
LO (dBm)
SR02137
Figure 16.
6.0
6.5
7.0
7.5
8.0
–23
–22
–21
–20
–19
–18
–17
–16
2.70V
3.30V
Conversion Gain vs. RF Input Power, Cellular FM
Temp. = 25
°C
RF INPUT POWER (dBm)
SR02139
Figure 17.
5.0
6.0
7.0
8.0
9.0
10.0
850
860
870
880
890
900
910
FREQUENCY MHz)
–40
°C
+25
°C
+85
°C
Conversion Gain vs. Frequency, Cellular FM
VCC = 2.70 V
SR02136
Figure 18.
5.0
6.0
7.0
8.0
9.0
10.0
–15
–12
–9
–6
–3
0
Conversion Gain vs. LO Input Power, Cellular FM
VCC = 2.70 V
LO (dBm)
–40
°C
+25
°C
+85
°C
SR02138
Figure 19.
5.0
6.0
7.0
8.0
9.0
10.0
–23
–22
–21
–20
–19
–18
–17
–16
–40
°C
+25
°C
+85
°C
Conversion Gain vs. RF Input Power, Cellular FM
VCC = 2.70 V
RF INPUT POWER (dBm)
SR02140
Figure 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com