Electronic Components Datasheet Search
  English  ▼

X  

SP6682 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6682
Description  High Efficiency Charge Pump Regulator for White LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6682 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6682 Datasheet HTML 1Page - Sipex Corporation SP6682 Datasheet HTML 2Page - Sipex Corporation SP6682 Datasheet HTML 3Page - Sipex Corporation SP6682 Datasheet HTML 4Page - Sipex Corporation SP6682 Datasheet HTML 5Page - Sipex Corporation SP6682 Datasheet HTML 6Page - Sipex Corporation SP6682 Datasheet HTML 7Page - Sipex Corporation SP6682 Datasheet HTML 8Page - Sipex Corporation SP6682 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Date: 7/1
9/06 Rev D
SP6682 High Efficiency Charge Pump Regulator for White LEDs
© 2006 Sipex Corporation
FEATURES
■
Ideal For White LED Driver
■
Low Profile, Inductorless Regulator
■
Output Current up to 200mA
■
X1.5 and X2 Modes for Highest Efficiency
■
+2.7V to +5.5V Input Voltage Range
■
Fast Turn-On Time, 175µS
■
1mA Quiescent Current
■
<1.5µA Shutdown Current
■
600kHz Oscillator
■
Programmable Output Current or Voltage
■
PWM Dimming Control with Enable Pin
■
Shutdown to Disconnect Output from Input
■
Soft Start to Eliminate In-Rush Current
■
Industry Standard 10-pin MSOP Package
and Small 10-pin DFN Package
APPLICATIONS
■
Next Generation Mobile Phones
■
PDAs
■
3.3V to 5.0V Conversion
■
Palmtop Computers
■
Color LCD Modules
DESCRIPTION
The SP6682 is a current regulated charge pump ideal for converting a Li-Ion battery input for
driving white LEDs used in backlighting color displays or cell phone camera flash applications.
The charge pump automatically switches between X1.5 and X2 modes based on the program-
mable VMODE voltage, providing improved efficiency over traditional methods using charge pump
doublerfollowedbyLDO. Thisinputvoltagethresholdcanbeexternallyprogrammedbyaresistor
divider network for optimized efficiency at specific output voltages and currents. The SP6682
operates with an internal 600kHz clock, which reduces switching noise and improves V
OUT ripple.
Output current or voltage can be accurately regulated by modulating the switcher between the
charge pump and output capacitor. In shutdown mode, the IC disconnects the output from the
input and draws less than 1.5µA current. The SP6682 is offered in a 10-pin MSOP package, and
a small 10-Pin DFN Package.
TYPICAL APPLICATION SCHEMATIC
Now Available in Lead Free Packaging
SP6682
10 Pin DFN
10
9
8
7
6
1
2
3
4
5
C2P
C1N
GND
C2N
EN/PWM
VOUT
C1P
VIN
VMODE
FB
LCD BACKLIGHT
APPLICATION
SP6682
VOUT
C1P
VIN
VMODE
FB
®
C2P
C1N
GND
C2N
EN/PWM
1
2
3
4
5
10
9
8
7
6
C2
2.2µF
C4
2.2µF C5
2.2µF
R6
20
C1
2.2µF
Lithium-Ion
ENABLE/PWM DIMMING
White
LED
R3
1M
20
20
20
2.7 - 4.2V
C6
0.1µF
SP6682
High Efficiency Charge Pump
Regulator for White LEDs


Similar Part No. - SP6682

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6682 SIPEX-SP6682 Datasheet
190Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
logo
Exar Corporation
SP6682 EXAR-SP6682 Datasheet
812Kb / 13P
High Efficiency White LED Charge Pump Regulator
logo
Sipex Corporation
SP6682ER SIPEX-SP6682ER Datasheet
190Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
SP6682ER/TR SIPEX-SP6682ER/TR Datasheet
190Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
SP6682EU SIPEX-SP6682EU Datasheet
190Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
More results

Similar Description - SP6682

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
High Efficiency Boost Charge Pump Regulator
SP6682 SIPEX-SP6682 Datasheet
190Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
logo
Linear Technology
LTC3202 LINER-LTC3202 Datasheet
252Kb / 12P
Low Noise, High Efficiency Charge Pump for White LEDs
logo
Global Mixed-mode Techn...
G5910 GMT-G5910 Datasheet
448Kb / 10P
High-Efficiency White LED Charge Pump
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
High Efficiency Charge Pump White LED Driver
logo
Analog Intergrations Co...
AIC1841 AIC-AIC1841 Datasheet
635Kb / 17P
High Efficiency 1.5X charge Pump For White LEDs Backlighting
AIC1843 AIC-AIC1843 Datasheet
543Kb / 14P
High Efficiency 1.5X charge Pump For White LEDs Backlighting
logo
Linear Technology
LTC3202 LINER-LTC3202_15 Datasheet
259Kb / 12P
Low Noise, High Efficiency Charge Pump for White LEDs
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
High-Efficiency White LED Charge Pump
logo
Exar Corporation
SP6682 EXAR-SP6682 Datasheet
812Kb / 13P
High Efficiency White LED Charge Pump Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com