Electronic Components Datasheet Search
  English  ▼

X  

SP6682 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6682
Description  High Efficiency Charge Pump Regulator for White LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6682 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6682 Datasheet HTML 2Page - Sipex Corporation SP6682 Datasheet HTML 3Page - Sipex Corporation SP6682 Datasheet HTML 4Page - Sipex Corporation SP6682 Datasheet HTML 5Page - Sipex Corporation SP6682 Datasheet HTML 6Page - Sipex Corporation SP6682 Datasheet HTML 7Page - Sipex Corporation SP6682 Datasheet HTML 8Page - Sipex Corporation SP6682 Datasheet HTML 9Page - Sipex Corporation SP6682 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Date: 7/1
9/06 Rev D
SP6682 High Efficiency Charge Pump Regulator for White LEDs
© 2006 Sipex Corporation
A 3-wire white LED module with internal
series resistors as shown in figure 11 can
also be driven in this way.
The current in one white LED current is set
by the ratio of the feedback pin voltage
(306mV) and the bias resistor RB. To set the
operating current, RB can be selected by:
RB = VFB
ILED
The current of the remaining white LEDs is
set according to the similarity of the white
LEDs.
CONFIGURING THE SP6682 AS
VOLTAGE OR CURRENT SOURCE
The white LED load configuration used by
customers can be discrete white LEDs or a
white LED module. Inside the white LED
module, there may or may not be resistors
in series with the white LEDs. According
to the different application requirements, the
SP6682 can be configured as either a
voltage source or a current source to provide
solutions for these different applications, as
shown in figures 10-13.
Figure 10 shows a circuit using the SP6682
to drive discrete white LEDs as a current
source.
1
8
5
Rb
SP6682
Rb
2.2uF
GND
FB
VOUT
Figure 10. Driving discrete white LEDs as current
source
3-wire W-LED module
Anode
FB
GND
Fig 11. 3-wire white LED module
GND
VOUT
Anode
5
VFB
Rb
SP6682
Cathode
8
2-wire W-LED module
1
Figure 12. Driving 2-wire white LED module as current
source
In this application, the bias resistor can be
selected by:
RB = VFB
ILED (TOTAL)
where ILED(TOTAL) is the total operating cur-
rent of all the white LEDs.
APPLICATION INFORMATION
In Figure 12, the SP6682 was used to drive
a 2-wire white LED module without internal
series resistors as a current source. The
bias resistor RB is selected to regulate the
total current of the white LED module in-
stead of the current of single LED as in
Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com