Electronic Components Datasheet Search
  English  ▼

X  

SP6682 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP6682
Description  High Efficiency Charge Pump Regulator for White LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6682 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP6682 Datasheet HTML 4Page - Sipex Corporation SP6682 Datasheet HTML 5Page - Sipex Corporation SP6682 Datasheet HTML 6Page - Sipex Corporation SP6682 Datasheet HTML 7Page - Sipex Corporation SP6682 Datasheet HTML 8Page - Sipex Corporation SP6682 Datasheet HTML 9Page - Sipex Corporation SP6682 Datasheet HTML 10Page - Sipex Corporation SP6682 Datasheet HTML 11Page - Sipex Corporation SP6682 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
Date: 7/1
9/06 Rev D
SP6682 High Efficiency Charge Pump Regulator for White LEDs
© 2006 Sipex Corporation
APPLICATION INFORMATION: Continued
BRIGHTNESS CONTROL USING PWM
Dimming control can be achieved by applying
a PWM control signal to the EN/PWM pin.
The brightness of the white LEDs is con-
trolled by increasing and decreasing the duty
cycle of the PWM signal. While the operating
frequency range of the PWM control is from
60Hz to 700Hz, the recommended maxim-
um brightness frequency range of the PWM
signal is from 60Hz to 200Hz. A repetition rate
of at least 60Hz is required to prevent
flicker.
BRIGHTNESS MATCHING
For white LEDs, the forward voltage drop is
a function of the operating current. However,
for a given current, the forward voltage drops
do not always match due to normal man-
ufacturing tolerances, thus causing uneven
brightness of the white LEDs.
In Figure 15, assume high-precision bias
resistors were used, the operating current
ratio of two different branches can be easily
derived as shown by:
put current capability and the circuit effi-
ciency. Place all the capacitors as close to
the SP6682 as possible for layout. Increas-
ing the value of the input and output capaci-
tors could further reduce the input and out-
put ripple.
Refer to Table 1 for some suggested low
ESR capacitors.
MANUFACTURER
PART NUMBER
CAPACITANCE/
CAPACITOR/
ESR
VOLTAGE
SIZE/TYPE
AT 100kHz
TDK
C2012X5R1A225K
2.2µF/10V
0805/X5R
0.030�
TDK
C2012X5R0J475K
4.7µF/6.3V
0805/X5R
0.020�
MURATA
GRM188R60J225KE01D
2.2µF/6.3V
0603/X5R
0.030�
MURATA
GRM219R60J475KE01D
4.7µF/6.3V
0805/X5R
0.020�
Table 1:
Suggested Low ESR Capacitors
I1 = VOUT - VF1
I2
VOUT - VF2
where I1, I2 are the operating current of the
white LEDs andVF1,VF2 are the forward volt-
age of the white LEDs.
Since the brightness of the white LED is
proportional to the operating current, for
better brightness matching, a higher output
voltage could be used. This could be done
by using a larger resistor, as shown in
Figure 15. RB2 is used to bias the operating
current of the white LED, RB1 is used to
increase the output voltage. Better bright-
ness matching was achieved at the cost of
the power wasted on the bias resistor.
Rb1
8
VFB
D1
Rb
Dn
GND
VFn
VF1
VOUT
1
Rb2
Rb
VF2
Rb
5
D2
SP6682
I1
I2
In
Figure 15. Increasing brightness matching
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.
ORDERING INFORMATION
Part Number
Top Mark
Operating Temperature Range
Package Type
SP6682EU .......................SP6682EU....................................-40°C to +85°C ............................ 10 Pin MSOP
SP6682EU/TR .................SP6682EU....................................-40°C to +85°C ............................ 10 Pin MSOP
SP6682ER ........................SP6682ERYWW.........................-40°C to +85°C ................................ 10 Pin DFN
SP6682ER/TR .................SP6682ERYWW...........................-40°C to +85°C ............................... 10 Pin DFN
/TR = Tape and Reel
Pack quantity is 2,500 for MSOP and 3,000 for DFN.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP6682ER/TR = standard; SP6682ER-L/TR = lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com