Electronic Components Datasheet Search
  English  ▼

X  

SP6682 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6682
Description  High Efficiency Charge Pump Regulator for White LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6682 Datasheet(HTML) 5 Page - Sipex Corporation

  SP6682 Datasheet HTML 1Page - Sipex Corporation SP6682 Datasheet HTML 2Page - Sipex Corporation SP6682 Datasheet HTML 3Page - Sipex Corporation SP6682 Datasheet HTML 4Page - Sipex Corporation SP6682 Datasheet HTML 5Page - Sipex Corporation SP6682 Datasheet HTML 6Page - Sipex Corporation SP6682 Datasheet HTML 7Page - Sipex Corporation SP6682 Datasheet HTML 8Page - Sipex Corporation SP6682 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Date: 7/1
9/06 Rev D
SP6682 High Efficiency Charge Pump Regulator for White LEDs
© 2006 Sipex Corporation
an input voltage to the mode comparator
which sets the logic state of the mode selec-
tion outputs to the X2 or X1.5 modes. VMODE
is compared to a 1.25V bandgap voltage.
For example, if one makes a 158K�/100K��
divider, the mode will change at 2.58 x 1.25
V = 3.23V. A comparator-based cycle-by-
cycle regulation ensures that no mode
change occurs during cycles.
3) Clock Manager. An internal 600 kHz
clock is generated in this block. Depending
on the mode control, the appropriate clock
phasing is generated here and sent to the
start-up and charge-pump switches block.
4) Start-up and Charge Pump Switches.
During start-up, until the reference is estab-
lished, this block keeps the charge pump
inactive. During this period the output stays
floating, and by consequence the charge
pump drivers are now referenced to VOUT.
Charging of the output will occur (e.g. when
VIN is ramped up to 4.2V, VOUT ramps only
up to about 3V), but not to the value of VIN,
protecting the White LEDs from experienc-
ing high input voltages. Another important
operation of this block is the PWM/EN dim-
ming control, which is implemented in the
delay of each pump driver, so that the
enable high pulse width is proportional to
the delay of the individual pump switches.
5) VOUT Comparator and Output Control.
A 306mV reference voltage is compared to
feedback output voltage to control the VOUT
needed for the application. Output current is
set by a bias resistor from FB pin to GND pin
chosen by the relationship:
IOUT = VFB
RFB
where VFB = 306mV.
OPERATION
GENERAL OVERVIEW
The SP6682 is a current regulated charge
pump ideal for converting a Li-Ion battery
input for driving white LEDs used in back-
lighting color displays, Cell Phone Camera
Flash, PDAs, digital cameras and MP3 play-
ers. The SP6682ʼs proprietary AutoBoost
featureenablestheICtoautomaticallytrans-
itionfromX1.5boostmodetoX2boostmode
based on battery input voltage for optimal
efficiency and performance. The SP6682 is
able to efficiently drive up to six 20mA white
LEDs in parallel and maintain a constant
brightnessoveraverywideoperatingvoltage
range (2.7V to 5.5V). The SP6682 operates
with an internal 600kHz clock, enabling
the use of small external components.
Other features of SP6682 include PWM
dimmingcontrolaswellascompleteinput/out
disconnect in shutdown. In shutdown mode
the IC draws less than
1.5µA current. The output regulation is
achieved by sensing the voltage at the
feedback pin and modulating the switcher
between the charge pump and output
capacitor.
THEORY OF OPERATION
The SP6682 regulated charge pump block
diagram consists of four main blocks
(Voltage Reference, Mode Control, Clock
Manager, Start-up and Charge-Pump
Switches) and two comparators (VMODE
Comparator and VOUT Comparator).
1) Voltage Reference. This block provides
the 306mV and 1.25V reference voltages
needed for the two comparators.
2) Mode Control. An external voltage
vider connected to the VMODE pin will define
di-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com