Electronic Components Datasheet Search
  English  ▼

X  

SP6682 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6682
Description  High Efficiency Charge Pump Regulator for White LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6682 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6682 Datasheet HTML 1Page - Sipex Corporation SP6682 Datasheet HTML 2Page - Sipex Corporation SP6682 Datasheet HTML 3Page - Sipex Corporation SP6682 Datasheet HTML 4Page - Sipex Corporation SP6682 Datasheet HTML 5Page - Sipex Corporation SP6682 Datasheet HTML 6Page - Sipex Corporation SP6682 Datasheet HTML 7Page - Sipex Corporation SP6682 Datasheet HTML 8Page - Sipex Corporation SP6682 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Date: 7/1
9/06 Rev D
SP6682 High Efficiency Charge Pump Regulator for White LEDs
© 2006 Sipex Corporation
0
1
2
3
4
5
6
2.7
3
3.3
3.6
3.9
4.2
Input Voltage (V)
4 LED's @ 30mA
4 LED's @ 15mA
PERFORMANCE CHARACTERISTICS: Continued
Refer to the typical application circuit, TAMB = 25°C, IO = 60mA unless otherwise specified.
0
1
2
3
0
20
40
60
80
100
Duty Cycle,%
100 Hz
500 Hz
Figure 7. Brightness vs. input voltage
Figure 8. Brightness vs. duty cycle
Figure 9. I
OUT vs. VIN
SP6682 IOUT vs VIN
0
50
100
150
200
250
3.0
3.2
3.4
3.6
3.8
4.0
4.2
VIN (V)
SP6682 Luxeon I, VF = 3.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com