Electronic Components Datasheet Search
  English  ▼

X  

SPX1121 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX1121
Description  150mA Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1121 Datasheet(HTML) 7 Page - Sipex Corporation

  SPX1121 Datasheet HTML 1Page - Sipex Corporation SPX1121 Datasheet HTML 2Page - Sipex Corporation SPX1121 Datasheet HTML 3Page - Sipex Corporation SPX1121 Datasheet HTML 4Page - Sipex Corporation SPX1121 Datasheet HTML 5Page - Sipex Corporation SPX1121 Datasheet HTML 6Page - Sipex Corporation SPX1121 Datasheet HTML 7Page - Sipex Corporation SPX1121 Datasheet HTML 8Page - Sipex Corporation SPX1121 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Date: 12/20/05
SPX1121 150mA Low DropoutVoltage Regulator
© Copyright 2005 Sipex Corporation
PACKAGE: 3 PIN SOT-223
E
D
1
e
E1
b2
b
TOP VIEW
2
2
3
e1
FRONT VIEW
L
Gauge Plane
Seating Plane
L2
c
ø
A1
A2
A
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
--
1.80
-
-
0.071
A1
0.02
-
0.10
0.001
-
0.004
A2
1.50
1.60
1.70
0.060
0.063
0.067
b
0.66
0.76
0.84
0.026
0.030
0.033
b2
2.90
3.00
3.10
0.114
0.118
0.122
c
0.23
0.30
0.35
0.010
0.012
0.014
D
6.30
6.50
6.70
0.248
0.256
0.264
E
6.70
7.00
7.30
0.264
0.276
0.287
E1
3.30
3.50
3.70
0.130
0.138
0.146
e
e1
L
0.75
-
-
0.030
-
-
L2
ø
0…
-
10…
0…
-
10…
0.091 BASIC
0.182 BASIC
0.010 BASIC
3 Pin SOT-223
JEDEC TO-261
Variation AA
SIPEX Pkg Signoff Date/Rev:
JL Aug8-05/Rev A
Millimeters
Controlling Dimension
Inches
Conversion Factor:
1 Inch = 25.40 mm
0.25 BASIC
2.30 BASIC
4.60 BASIC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com