Electronic Components Datasheet Search
  English  ▼

X  

SPX1121 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX1121
Description  150mA Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1121 Datasheet(HTML) 8 Page - Sipex Corporation

  SPX1121 Datasheet HTML 1Page - Sipex Corporation SPX1121 Datasheet HTML 2Page - Sipex Corporation SPX1121 Datasheet HTML 3Page - Sipex Corporation SPX1121 Datasheet HTML 4Page - Sipex Corporation SPX1121 Datasheet HTML 5Page - Sipex Corporation SPX1121 Datasheet HTML 6Page - Sipex Corporation SPX1121 Datasheet HTML 7Page - Sipex Corporation SPX1121 Datasheet HTML 8Page - Sipex Corporation SPX1121 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Date: 12/20/05
SPX1121 150mA Low DropoutVoltage Regulator
© Copyright 2005 Sipex Corporation
8
PACKAGE: 3 PIN TO-92
D
W
L
e1
e
a(2x)
E
R
b
A
S1
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
0.170
-
0.195
4.32
-
4.95
b
0.014
-
0.020
0.36
-
0.51
E
0.130
-
0.155
3.30
-
3.94
e
0.095
-
0.105
2.41
-
2.67
e1
0.045
-
0.055
1.14
-
1.40
L
0.500
-
0.610
12.70
-
15.49
R
0.085
-
0.095
2.16
-
2.41
S1
0.045
-
0.060
1.14
-
1.52
W
0.016
-
0.022
0.41
-
0.56
D
0.175
-
0.195
4.45
-
4.95
α
4…
-6…
4…
-6…
SIPEX Pkg Signoff Date/Rev:
JL Sept23-05 / RevA
3 Pin TO-92
Dimensions in Inches:
Controlling Dimension
Dimensions in Millimeters
Conversion Factor:
1 Inch = 25.40 mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com