Electronic Components Datasheet Search
  English  ▼

X  

SPX1121 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX1121
Description  150mA Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1121 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX1121 Datasheet HTML 1Page - Sipex Corporation SPX1121 Datasheet HTML 2Page - Sipex Corporation SPX1121 Datasheet HTML 3Page - Sipex Corporation SPX1121 Datasheet HTML 4Page - Sipex Corporation SPX1121 Datasheet HTML 5Page - Sipex Corporation SPX1121 Datasheet HTML 6Page - Sipex Corporation SPX1121 Datasheet HTML 7Page - Sipex Corporation SPX1121 Datasheet HTML 8Page - Sipex Corporation SPX1121 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Date: 12/20/05
SPX1121 150mA Low DropoutVoltage Regulator
© Copyright 2005 Sipex Corporation
4
TYPICAL PERFORMANCE CHARACTERISTICS
Line Transient Response
TIME(
µs)
100
0
200
400
600
800
4V
6V
8V
-50
0
50
~
~
mV
mV
mV
C
L= 1 µF
I
L= 1mA
V
OUT = 5V
Output Impedance
10
0.5
0.1
0.02
10
100
1K
10K
100K
1M
FREQUENCY (Hz)
5
0.2
0.05
0.01
1
2
I
O = 100mA
I
O = 100 µA
I
O = 1mA
V
OUT = 5V
C
L= 1 µF
Ripple Rejection
90
70
60
40
10 1
10 2
10 3
10 4
10 5
10 6
FREQUENCY (Hz)
80
50
20
30
I
L= 100 µA
I
L= 0
C
L= 1 µF
V
IN = 6V
V
OUT = 5V
Ripple Rejection
FREQUENCY (Hz)
10 6
10 3
10 2
10 1
90
80
70
60
50
20
40
30
10 4
10 5
I
L = 10mA
I
L = 1mA
C
L= 1µF
V
IN = 6V
V
OUT = 5V
Drop-Out Voltage
400
300
40
-75 -50 -25
0
25
50
75 100 125 150
TEMPERATURE (ºC)
500
200
0
I
L= 150mA
I
L= 100 µA
~
~
Drop-Out Voltage
T
J = 25ºC
OUTPUT CURRENT
100mA
10mA
1mA
100
µA
500
400
300
200
100
0
Short Circuit Current
240
220
200
180
-75 -50 -25
0
25
50
75 100 125 150
TEMPERATURE (ºC)
230
210
190
170
20
Minimum Operating Voltage
TEMPERATURE
2.3
2.1
1.9
1.7
-75
0
75
150
-50 -25
25
50
100 125
Ripple Rejection
80
60
40
10
10 1
10 3
10 4
10 6
FREQUENCY (Hz)
I
L = 50mA
I
L= 100mA
C
L= 1µF
V
IN = 6V
V
OUT = 5V
70
50
30
20
10 2
10 5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com