Electronic Components Datasheet Search
  English  ▼

X  

SPX1121 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX1121
Description  150mA Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1121 Datasheet(HTML) 9 Page - Sipex Corporation

  SPX1121 Datasheet HTML 1Page - Sipex Corporation SPX1121 Datasheet HTML 2Page - Sipex Corporation SPX1121 Datasheet HTML 3Page - Sipex Corporation SPX1121 Datasheet HTML 4Page - Sipex Corporation SPX1121 Datasheet HTML 5Page - Sipex Corporation SPX1121 Datasheet HTML 6Page - Sipex Corporation SPX1121 Datasheet HTML 7Page - Sipex Corporation SPX1121 Datasheet HTML 8Page - Sipex Corporation SPX1121 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Date: 12/20/05
SPX1121 150mA Low DropoutVoltage Regulator
© Copyright 2005 Sipex Corporation
ORDERING INFORMATION
PART NUMBER
ACCURACY OUTPUT VOLTAGE
PACKAGE
SPX1121N-3-3 ...................... 1% .................... 3.3V ................... 3 lead TO-92
SPX1121N-3-3/TR ................ 1% .................... 3.3V ................... 3 lead TO-92
SPX1121N-5-0 ...................... 1% .................... 5.0V ................... 3 lead TO-92
SPX1121N-5-0/TR ................ 1% .................... 5.0V ................... 3 lead TO-92
SPX1121M3-3-3 .................... 1% .................... 3.3V ................... 3 lead SOT-223
SPX1121M3-3-3/TR .............. 1% .................... 3.3V ................... 3 lead SOT-223
SPX1121M3-5-0 .................... 1% .................... 5.0V ................... 3 lead SOT-223
SPX1121M3-5-0/TR .............. 1% .................... 5.0V ................... 3 lead SOT-223
Corporation
ANALOG EXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
/TR = Tape and Reel
Pack quantity is 2500 for or SOT-223 and 2,000 for TO-92.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX1121N-3.3/TR = standard; SPX1121N-L-3.3/TR = lead free



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com