Electronic Components Datasheet Search
  English  ▼

X  

SPX1121 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX1121
Description  150mA Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1121 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX1121 Datasheet HTML 1Page - Sipex Corporation SPX1121 Datasheet HTML 2Page - Sipex Corporation SPX1121 Datasheet HTML 3Page - Sipex Corporation SPX1121 Datasheet HTML 4Page - Sipex Corporation SPX1121 Datasheet HTML 5Page - Sipex Corporation SPX1121 Datasheet HTML 6Page - Sipex Corporation SPX1121 Datasheet HTML 7Page - Sipex Corporation SPX1121 Datasheet HTML 8Page - Sipex Corporation SPX1121 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Date: 12/20/05
SPX1121 150mA Low DropoutVoltage Regulator
© Copyright 2005 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current
75
0
010
INPUT VOLTAGE (VOLTS)
R
L= 50k Ω
25
50
100
125
150
175
200
225
250
12
3
R
L =
Dropout Characteristics
0
0
INPUT VOLTAGE (VOLTS)
12
3
4
56
1
2
3
4
5
6
R
L
=50k
Ω
R
L=50kΩ
456
789
LOAD CURRENT (mA)
Ground Current vs. Load Current
10
1
0.1
0.01
0.1
1
10
100
Ground Current vs. Input Voltage
320
280
0
INPUT VOLTAGE (VOLTS)
240
80
40
0
12
3
4
5
678
120
160
200
I
L= 1mA
I
L= 0
INPUT VOLTAGE (VOLTS)
Input Current
160
150
140
130
70
50
0
120
110
100
90
80
60
40
30
20
10
0
12
3
4
56
7
8
9 10
R
L=50 Ω
V
OUT = 5V
Quiescent Current
190
170
150
130
-75 -50 -25
0
25
50
75 100 125 150
TEMPERATURE (ºC)
V
IN =6V
I
L =100uA
Ground Current
8
7
6
0
1
2
3
4
5
6
7
8
INPUT VOLTAGE
5
4
3
2
1
0
I
L =100mA
Ground Current
6
5
4
3
-75 -50 -25
0
25
50
75 100 125 150
TEMPERATURE (ºC)
V
IN = 6V
I
L = 100mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com