Electronic Components Datasheet Search
  English  ▼

X  

XTPSM81033VCDR Datasheet(PDF) 5 Page - Texas Instruments

Part # XTPSM81033VCDR
Description  TPSM81033 5.5V, 5.5A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTPSM81033VCDR Datasheet(HTML) 5 Page - Texas Instruments

  XTPSM81033VCDR Datasheet HTML 1Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 2Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 3Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 4Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 5Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 6Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 7Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 8Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5.4 Thermal Information
THERMAL METRIC (1)
TPSM81033
TPSM81033
UNIT
VCD (QFN)- 9 PINS
VCD (QFN)- 9 PINS
Standard
EVM (2)
RθJA
Junction-to-ambient thermal resistance
74.8
39.7
°C/W
RθJC
Junction-to-case thermal resistance
36.6
NA
°C/W
RθJB
Junction-to-board thermal resistance
21.7
NA
°C/W
ΨJT
Junction-to-top characterization parameter
0.7
TBD
°C/W
ΨJB
Junction-to-board characterization parameter
21.1
19.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Measured on TPSM81033EVM, 4-layer, 2oz copper NA PCB.
5.5 Typical Characteristics
VIN = 3.6V, VOUT = 5V, TA = 25°C, unless otherwise noted
Output Current (A)
0.0001
0.001
0.01
0.05
0.2 0.5 1
2 3 45
5
70
75
80
85
90
95
100
VIN=2.0 V
VIN=3.3 V
VIN=3.6 V
VIN=4.2 V
VIN = 2.0V, 3.3V, 3.6V, 4.2V. Auto PFM
Figure 5-1. Efficiency vs Output Current VOUT = 5V
Output Current (A)
0.0001
0.001
0.01
0.05
0.2 0.5 1
2 3 45
5
0
20
40
60
80
100
VIN=2.0 V
VIN=3.3 V
VIN=3.6 V
VIN=4.2 V
VIN = 2.0V, 3.3V, 3.6V, 4.2V. Forced PWM
Figure 5-2. Efficiency vs Output Current VOUT = 5 V
VIN = 2.0V, 3.3V, 3.6V, 4.2V; VOUT = 5V
Figure 5-3. Load Regulation in Auto PFM
Output Current (A)
0.0001
0.001
0.01
0.05
0.2 0.5 1
2 3 45
5
4.98
5
5.02
VIN=2.0V
VIN=3.3V
VIN=3.6V
VIN=4.2V
VIN = 2.0V, 3.3V, 3.6V, 4.2V; VOUT = 5V
Figure 5-4. Load Regulation in Forced PWM
www.ti.com
TPSM81033
SLVSHL0B – JUNE 2024 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com