Electronic Components Datasheet Search
  English  ▼

X  

XTPSM81033VCDR Datasheet(PDF) 8 Page - Texas Instruments

Part # XTPSM81033VCDR
Description  TPSM81033 5.5V, 5.5A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTPSM81033VCDR Datasheet(HTML) 8 Page - Texas Instruments

Back Button XTPSM81033VCDR Datasheet HTML 4Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 5Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 6Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 7Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 8Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 9Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 10Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 11Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
6.3.6 Implement Output Discharge by PG function
The purpose of the output discharge function is to ensure a defined down-ramp of the output voltage and to let
the output voltage close to 0V quickly when the device is being disabled. TPSM81033 can implement output
discharge function by PG function that requires a RDummy resistor connected between PG pin and Vout pin. PG
is an open drain NMOS architecture with up to 50mA current capability, the PG pin becomes logic high when the
output voltage reaches the target value, so the dummy load resistor does not lead any power loss during normal
operation. When the EN pin gets low, the TPSM81033 is disabled and meanwhile the PG pin gets low with a
typical 33μs glitch time (tglitch). With PG pin keeps low, the RDummy works as a dummy load to discharge output
voltage. Changing RDummy can adjust the output discharge rate.
PVIN
EN
VOUT
FB
GND
L1
OFF
ON
C1
C2
MODE
PFM
PWM
PG
R1
R2
RDummy
TPSM81033
SW
AVIN
Output
Voltage
time
PG
time
tglitch
Output voltage
discharge from RDummy
EN
Figure 6-1. Implement Output Discharge by PG function
6.3.7 Overvoltage Protection
The TPSM81033 has an output overvoltage protection (OVP) to protect the device if the external feedback
resistor divider is wrongly populated. When the output voltage is above 5.75V typically, the device stops
switching. Once the output voltage falls 0.1V below the OVP threshold, the device resumes operating again.
6.3.8 Output Short-to-Ground Protection
The TPSM81033 starts to limit the output current when the output voltage is below 1.8V. The lower the output
voltage reaches, the smaller the output current is. When the VOUT pin is short to ground, and the output voltage
becomes less than 0.4V, the output current is limited to approximately 330mA. Once the short circuit is released,
the TPSM81033 goes through the soft start-up again to the regulated output voltage.
6.3.9 Thermal Shutdown
The TPSM81033 goes into thermal shutdown once the junction temperature exceeds 170°C. When the
junction temperature drops below the thermal shutdown recovery temperature, typically 155°C, the device starts
operating again.
6.4 Device Functional Modes
TPSM81033 has two optional modes in light load by configuring the MODE pin: auto PFM mode and forced
PWM to balance the efficiency and noise immunity in light load.
6.4.1 PWM Mode
The TPSM81033 uses a quasi-constant 2.4MHz frequency pulse width modulation (PWM) at moderate to heavy
load current. Based on the input voltage to output voltage ratio, a circuit predicts the required on-time. At the
beginning of the switching cycle, the NMOS switching FET. The input voltage is applied across the inductor and
the inductor current ramps up. In this phase, the output capacitor is discharged by the load current. When the
on-time expires, the main switch NMOS FET is turned off, and the rectifier PMOS FET is turned on. The inductor
transfers its stored energy to replenish the output capacitor and supply the load. The inductor current declines
TPSM81033
SLVSHL0B – JUNE 2024 – REVISED JULY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com